Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS008-6001-0 Datasheet (PDF) - Yamaichi Electronics Co., Ltd.

Part # FMS008-6001-0
Description  8 Pin SIM Card Reader (Push / Push with Switch)
File Size   325.87 Kbytes
Html View  1 
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

FMS008-6001-0 Datasheet (PDF) - Yamaichi Electronics Co., Ltd.

Click to view in HTML datasheet.


Similar Part No. - FMS008-6001-0

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
FMS008-4000-R-EDC YAMAICHI-FMS008-4000-R-EDC Datasheet
139Kb / 1P
   8 Pin SIM Card Reader (Manual) with Separate Switch
FMS008-4000-SWR1-EDC YAMAICHI-FMS008-4000-SWR1-EDC Datasheet
139Kb / 1P
   8 Pin SIM Card Reader (Manual) with Separate Switch
FMS008-4000-SWR3-EDC YAMAICHI-FMS008-4000-SWR3-EDC Datasheet
139Kb / 1P
   8 Pin SIM Card Reader (Manual) with Separate Switch
FMS008-4000-SWT1-EDC YAMAICHI-FMS008-4000-SWT1-EDC Datasheet
139Kb / 1P
   8 Pin SIM Card Reader (Manual) with Separate Switch
FMS008-4000-SWT3-EDC YAMAICHI-FMS008-4000-SWT3-EDC Datasheet
139Kb / 1P
   8 Pin SIM Card Reader (Manual) with Separate Switch
More results


Similar Description - FMS008-6001-0

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
FMS006Z-2000-0 YAMAICHI-FMS006Z-2000-0 Datasheet
128Kb / 1P
   SIM Card Reader (Push / Push, Std. Type w. and w/o Switch)
FMS006Z-2100-0 YAMAICHI-FMS006Z-2100-0 Datasheet
160Kb / 1P
   SIM Card Reader (Push / Push, Reversed Type w. and w/o Switch)
FMS006-2620-0 YAMAICHI-FMS006-2620-0 Datasheet
124Kb / 1P
   SIM Card Reader (Push / Push, Low Profile Std. Type w/o Switch)
FMS006-2320-0 YAMAICHI-FMS006-2320-0 Datasheet
112Kb / 1P
   SIM Card Reader (Push / Lock, Reversed w/o Switch)
FMS008-4000-T-EDC YAMAICHI-FMS008-4000-T-EDC Datasheet
139Kb / 1P
   8 Pin SIM Card Reader (Manual) with Separate Switch
logo
Major League Electronic...
SIMS60 MAJOR-LEAGUE-SIMS60 Datasheet
87Kb / 2P
   SIM Card Connector Push/Push Type 6 or 8 Pin
logo
Yamaichi Electronics Co...
FMS006-2310-0 YAMAICHI-FMS006-2310-0 Datasheet
213Kb / 1P
   SIM Card Reader (Push / Lock, Std. Type w/o Switch)
logo
ATTEND Technology Inc.
115A ATTEND-115A Datasheet
328Kb / 4P
   SIM Card Socket , Push-Push Type, 82 Pin, 10u”, Reel, w/switch, (w/Logo)
2022/03/04
logo
SUYIN USA, INC.
254070FB008S505ZL SUYIN-USA-254070FB008S505ZL Datasheet
191Kb / 1P
   SIM CARD PUSH-PUSH CONN
254070FB007S120ZL SUYIN-USA-254070FB007S120ZL Datasheet
148Kb / 1P
   SIM CARD PUSH-PUSH CONN
More results

Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com