Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D325 Datasheet (PDF) - Savantic, Inc.

Part # D325
Description  Silicon NPN Power Transistors
File Size   93.48 Kbytes
Html View  1   2   3 
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

D325 Datasheet (PDF) - Savantic, Inc.

Click to view in HTML datasheet.


Similar Part No. - D325

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
D325N SCHNEIDER-D325N Datasheet
90Kb / 2P
   Safety switch, general duty, fusible, 400A, 3 poles, 125 hp, 240 VAC, NEMA 1, neutral factory installed
D325NR SCHNEIDER-D325NR Datasheet
121Kb / 3P
   Safety switch, general duty, fusible, 400A, 3 poles, 125 hp, 240 VAC, NEMA 3R, neutral factory installed
D325NT SCHNEIDER-D325NT Datasheet
102Kb / 2P
   Safety switch, general duty, fusible, 400A, 3 poles, 50 hp, 240 VAC, NEMA 1, fuse class T, neutral factory installed
D325NTR SCHNEIDER-D325NTR Datasheet
118Kb / 3P
   Safety switch, general duty, fusible, 400A, 3 poles, 50 hp, 240 VAC, NEMA 3R, neutral factory installed
logo
List of Unclassifed Man...
D325RP ETC1-D325RP Datasheet
101Kb / 2P
   Short Circuit Protected Regulated, 3W SIP DC/DC Converters
More results


Similar Description - D325

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results

Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com