| Manufacturer | Part # | Datasheet | Description |
 Vishay Barry |
AA0175-250-17X
|
78Kb / 1P |
Aluminum Nitride 1.75 dB FLANGED ATTENUATOR
Revision Date 03/20/12 |
|
AA0200-100-9X
|
134Kb / 1P |
Aluminum Nitride 2 dB FLANGED ATTENUATOR
Rev. B |
|
AA0300-100-3X
|
569Kb / 1P |
Aluminum Nitride 3 dB FLANGED ATTENUATOR
Revision Date 10/31/06 |
|
AA0300-100-9X
|
145Kb / 1P |
Aluminum Nitride 3 dB FLANGED ATTENUATOR
Rev. A |
|
AA0600-100-3X
|
83Kb / 1P |
Aluminum Nitride 6 dB FLANGED ATTENUATOR
Revision Date 05/16/12 |
|
AA1000-100-12X
|
122Kb / 1P |
Aluminum Nitride 10 dB FLANGED ATTENUATOR
Rev. C |
|
AA1000-40-3X
|
167Kb / 1P |
Aluminum Nitride 10 dB FLANGED ATTENUATOR
Revision Date 11/5/07 |
|
AA1000-75-1X
|
196Kb / 1P |
Aluminum Nitride 10 dB FLANGED ATTENUATOR
Revision Date 8/30/07 |
|
AA1500-75-1X
|
140Kb / 1P |
Aluminum Nitride 15 dB FLANGED ATTENUATOR
Revision Date 06/15/09 |
|
AA3000-100-3X
|
137Kb / 1P |
ALUMINUM NITRIDE 30 dB FLANGED ATTENUATOR
Rev. C |