Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBB5089Z Datasheet (PDF) - Qorvo, Inc

Part # SBB5089Z
Description  50MHz-6000MHz, Cascadable Amplifier
File Size   1105.16 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

SBB5089Z Datasheet (PDF) - Qorvo, Inc

Click to view in HTML datasheet.


Similar Part No. - SBB5089Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB5089Z RFMD-SBB5089Z Datasheet
535Kb / 10P
50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB5089ZPCK1 RFMD-SBB5089ZPCK1 Datasheet
535Kb / 10P
50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB5089ZSQ RFMD-SBB5089ZSQ Datasheet
535Kb / 10P
50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB5089ZSR RFMD-SBB5089ZSR Datasheet
535Kb / 10P
50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
More results


Similar Description - SBB5089Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2033 RFMD-RFSA2033 Datasheet
1Mb / 22P
Low Loss Voltage Controlled Attenuator 50MHz to 6000MHz
RFSA3714 RFMD-RFSA3714 Datasheet
2Mb / 20P
50MHz to 6000MHz, Digital Step Attenuator
SBB1089Z RFMD-SBB1089Z Datasheet
490Kb / 8P
50MHz to 850MHz CASCADABLE
SBB4089Z RFMD-SBB4089Z Datasheet
520Kb / 8P
50MHz to 6000MHz CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB5089Z RFMD-SBB5089Z Datasheet
535Kb / 10P
50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
logo
Renesas Technology Corp
F2251 RENESAS-F2251 Datasheet
2Mb / 23P
Voltage Variable RF Attenuator 50MHz to 6000MHz
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
High Isolation SP2T RF Switch 50MHz to 6000MHz
F2934 RENESAS-F2934 Datasheet
297Kb / 3P
High Reliability SP2T RF Switch 50MHz to 6000MHz
logo
STMicroelectronics
SBB3089Z STMICROELECTRONICS-SBB3089Z Datasheet
860Kb / 9P
50MHz to 6000MHz Gain Block
June 8, 2021
logo
Renesas Technology Corp
F2934 RENESAS-F2934_V01 Datasheet
1Mb / 21P
High Reliability SP2T RF Switch 50MHz to 6000MHz
Apr 28, 2021
More results

Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com