Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT150S12 Datasheet (PDF) - Nihon Inter Electronics Corporation

Part # PT150S12
Description  DIODE MODULE 150A/1200V/1600V
File Size   127.25 Kbytes
Html View  1   2   3 
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PT150S12 Datasheet (PDF) - Nihon Inter Electronics Corporation

Click to view in HTML datasheet.


Similar Part No. - PT150S12

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PT150S12 NIEC-PT150S12 Datasheet
283Kb / 2P
150A Avg 1200 1600 Volts
PT150S12 NIEC-PT150S12_1 Datasheet
283Kb / 2P
150A Avg 1200 1600 Volts
More results


Similar Description - PT150S12

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PT7612 DIODES-PT7612 Datasheet
140Kb / 3P
DIODE MODULE 75A/1200V/1600V
logo
Nihon Inter Electronics...
PC15012 NIEC-PC15012 Datasheet
217Kb / 3P
DIODE MODULE 150A/1200 to 1600V
PD15116 NIEC-PD15116 Datasheet
175Kb / 6P
DIODE MODULE - 150A/1600V
PDT15116 NIEC-PDT15116 Datasheet
323Kb / 9P
THYRISTOR MODULE 150A / 1600V
PT76S12 NIEC-PT76S12 Datasheet
118Kb / 3P
DIODE MODULE 75A/1200V/1600V
PT200S12 NIEC-PT200S12 Datasheet
133Kb / 3P
DIODE MODULE 200A/1200V/1600V
PT5112 NIEC-PT5112 Datasheet
137Kb / 3P
DIODE MODULE 50A/1200V/1600V
PT10112 NIEC-PT10112 Datasheet
142Kb / 3P
DIODE MODULE 100A/1200V/1600V
logo
MacMic
MMG150D120B6HN MACMIC-MMG150D120B6HN Datasheet
540Kb / 5P
1200V 150A IGBT Module
MMK150T160UX MACMIC-MMK150T160UX Datasheet
742Kb / 5P
1600V 150A Three Phase DiodeThyristor Module
More results

Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com