Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

93AA46AT-E/OTG Datasheet (PDF) - Microchip Technology

93AA46AT-E/OTG Datasheet PDF - Microchip Technology
Part # 93AA46AT-E/OTG
Download  93AA46AT-E/OTG Download

File Size   403.38 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1K Microwire Compatible Serial EEPROM

93AA46AT-E/OTG Datasheet (PDF)

Go To PDF Page Download Datasheet
93AA46AT-E/OTG Datasheet PDF - Microchip Technology

Part # 93AA46AT-E/OTG
Download  93AA46AT-E/OTG Click to download

File Size   403.38 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1K Microwire Compatible Serial EEPROM

93AA46AT-E/OTG Datasheet (HTML) - Microchip Technology

Back Button 93AA46AT-E/OTG Datasheet HTML 1Page - Microchip Technology 93AA46AT-E/OTG Datasheet HTML 2Page - Microchip Technology 93AA46AT-E/OTG Datasheet HTML 3Page - Microchip Technology 93AA46AT-E/OTG Datasheet HTML 4Page - Microchip Technology 93AA46AT-E/OTG Datasheet HTML 5Page - Microchip Technology 93AA46AT-E/OTG Datasheet HTML 6Page - Microchip Technology 93AA46AT-E/OTG Datasheet HTML 7Page - Microchip Technology 93AA46AT-E/OTG Datasheet HTML 8Page - Microchip Technology 93AA46AT-E/OTG Datasheet HTML 9Page - Microchip Technology 93AA46AT-E/OTG Datasheet HTML 10Page - Microchip Technology Next Button 

93AA46AT-E/OTG Product details

Description:
The Microchip Technology Inc. 93XX46A/B/C devices are 1Kbit low-voltage serial Electrically Erasable PROMs (EEPROM). Word-selectable devices such as the 93AA46C, 93LC46C or 93C46C are dependent upon external logic levels driving the ORG pin to set word size. For dedicated 8-bit communication, the 93AA46A, 93LC46A or 93C46A devices are available, while the 93AA46B, 93LC46B and 93C46B devices provide dedicated 16-bit communication. Advanced CMOS technology makes these devices ideal for low power, nonvolatile memory applications. The entire 93XX Series is available in standard packages includ ing 8-lead PDIP and SOIC, and advanced packaging including 8-lead MSOP, 6-lead SOT-23, 8-lead 2x3 DFN/TDFN and 8-lead TSSOP. All packages are Pb-free (Matte Tin) finish.

Features:
• Low-Power CMOS Technology
• ORG Pin to Select Word Size for ‘46C’ Version
• 128 x 8-bit Organization ‘A’ Devices (no ORG)
• 64 x 16-bit Organization ‘B’ Devices (no ORG)
• Self-Timed Erase/Write Cycles (including Auto-Erase)
• Automatic Erase All (ERAL) Before Write All (WRAL)
• Power-On/Off Data Protection Circuitry
• Industry Standard 3-Wire Serial I/O
• Device Status Signal (Ready/Busy)
• Sequential Read Function
• 1,000,000 Erase/Write Cycles
• Data Retention > 200 Years
• RoHS Compliant
• Temperature Ranges Supported:
   - Industrial (I) -40°C to +85°C
   - Automotive (E) -40°C to +125°C




Similar Part No. - 93AA46AT-E/OTG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93AA46AT-E/OTG MICROCHIP-93AA46AT-E/OTG Datasheet
438Kb / 28P
   1K Microwire Compatible Serial EEPROM
2005
More results


Similar Description - 93AA46AT-E/OTG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93AA46A MICROCHIP-93AA46A_13 Datasheet
1Mb / 38P
   1K Microwire Compatible Serial EEPROM
11/29/12
93AA46A MICROCHIP-93AA46A_10 Datasheet
736Kb / 34P
   1K Microwire Compatible Serial EEPROM
2010
93LC46BT-SN MICROCHIP-93LC46BT-SN Datasheet
1Mb / 38P
   1K Microwire Compatible Serial EEPROM
11/29/12
93AA46A MICROCHIP-93AA46A_05 Datasheet
438Kb / 28P
   1K Microwire Compatible Serial EEPROM
2005
93LC46A MICROCHIP-93LC46A Datasheet
420Kb / 28P
   1K Microwire Compatible Serial EEPROM
2005
93C46B MICROCHIP-93C46B Datasheet
180Kb / 12P
   1K 5.0V Microwire Serial EEPROM
1997
93LC46AB MICROCHIP-93LC46AB Datasheet
250Kb / 12P
   1K 2.5V Microwire Serial EEPROM
2000 - 2001
59C11 MICROCHIP-59C11 Datasheet
104Kb / 12P
   1K 5.0V Microwire Serial EEPROM
1996
93AA46A MICROCHIP-93AA46A_11 Datasheet
915Kb / 36P
   1K Microwire Compatible Serial EEPROM Low-Power CMOS Technology
11/29/11
93AA46A MICROCHIP-93AA46A_07 Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com