![]() |
Electronic Components Datasheet Search |
|
MCK12140D Datasheet (PDF) - ON Semiconductor |
MCK12140D Datasheet (HTML) - ON Semiconductor |
MCK12140D Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | MCK12140D |
Download | MCK12140D Click to view |
File Size | 49.54 Kbytes |
Page | 4 Pages |
Maker | ONSEMI [ON Semiconductor] |
Homepage | http://www.onsemi.com |
Logo | |
Description | Phase-Frequency Detector |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
MC100LVEL40 | Phase-Frequency Detector | 1 2 3 | ON Semiconductor |
MCH12140 | PHASE-FREQUENCY DETECTOR | 1 2 3 4 | Motorola, Inc |
MC100EP40 | 3.3V / 5V ECL Differential Phase-Frequency Detector | 1 2 3 4 5 More | ON Semiconductor |
MC100EP140DR2 | 3.3VECL Phase-Frequency Detector | 1 2 3 4 5 More | ON Semiconductor |
NTE974 | Integrated Circuit Phase-Frequency Detector | 1 2 3 4 | NTE Electronics |
HMC439QS16G | HBT DIGITAL PHASE-FREQUENCY DETECTOR 10 - 1300 MHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
HMC440QS16G | HBT DIGITAL PHASE-FREQUENCY DETECTOR 10 - 1300 MHz w/ INTEGRATED 5-BIT COUNTER 10 - 2800 MHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
NTE1172 | Integrated Circuit Phase-Frequency Detector | 1 2 3 | NTE Electronics |
MC4344 | PHASE-FREQUENCY DETECTOR | 1 2 3 4 5 More | Motorola, Inc |
TDB1080 | I.F. LIMITING AMPLIFIER FM DETECTOR AND AUDIO AMPLIFIER | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 3 4 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |