Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE2346 Datasheet (PDF) - NTE Electronics

NTE2346 Datasheet PDF - NTE Electronics
Part # NTE2346
Download  NTE2346 Download

File Size   25.61 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors General Purpose Darlington, Power Amplifier

NTE2346 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE2346 Datasheet PDF - NTE Electronics

Part # NTE2346
Download  NTE2346 Click to download

File Size   25.61 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors General Purpose Darlington, Power Amplifier

NTE2346 Datasheet (HTML) - NTE Electronics

NTE2346 Datasheet HTML 1Page - NTE Electronics NTE2346 Datasheet HTML 2Page - NTE Electronics

NTE2346 Product details

Description:

The NTE2345 (NPN) and NTE2346 (PNP) are silicon complementary Darlington transistors in an

SOT–82 type package designed for use in audio output stages and general amplifier and switching

applications..



Features:

 High DC Current Gain: hFE= 750 (Min) @ IC= 3A, VCE= 3V

 Junction Temperature to +150°C




Similar Part No. - NTE2346

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE234 NTE-NTE234 Datasheet
21Kb / 2P
   Silicon PNP Transistor Low Noise, High Gain Amplifier
NTE2340 NTE-NTE2340 Datasheet
22Kb / 2P
   Silicon NPN Transistor Darlington Power Amp, Switch
NTE2341 NTE-NTE2341 Datasheet
23Kb / 2P
   Silicon Complementary Transistors Darlington Driver
NTE2342 NTE-NTE2342 Datasheet
23Kb / 2P
   Silicon Complementary Transistors Darlington Driver
NTE2343 NTE-NTE2343 Datasheet
22Kb / 2P
   Silicon Complementary Transistors Darlington Power Amp, Switch
More results


Similar Description - NTE2346

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2404 NTE-NTE2404 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Darlington, General Purpose
NTE263 NTE-NTE263 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE251 NTE-NTE251 Datasheet
26Kb / 3P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE253 NTE-NTE253 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE261 NTE-NTE261 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE243 NTE-NTE243 Datasheet
26Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE268 NTE-NTE268 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE245 NTE-NTE245 Datasheet
25Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE247 NTE-NTE247 Datasheet
26Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE249 NTE-NTE249 Datasheet
25Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com