Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE2076 Datasheet (PDF) - NTE Electronics

NTE2076 Datasheet PDF - NTE Electronics
Part # NTE2076
Download  NTE2076 Download

File Size   18.83 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit 7-Segment Darlington Transistor Array w/Clamp Diode

NTE2076 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE2076 Datasheet PDF - NTE Electronics

Part # NTE2076
Download  NTE2076 Click to download

File Size   18.83 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit 7-Segment Darlington Transistor Array w/Clamp Diode

NTE2076 Datasheet (HTML) - NTE Electronics

NTE2076 Datasheet HTML 1Page - NTE Electronics NTE2076 Datasheet HTML 2Page - NTE Electronics

NTE2076 Product details

Description:

The NTE2076 is constructed with a 7–circuit Darlington Transistor Array by a NPN Transistor and is a semi–conductor integrated circuit (IC) which can drive large electric current with very small input current.



Features:

• High Electric Voltage Endurance (BVCEO ≥ 40V)

• Large Electric Current Drive (IC (max) = 150mA)

• Convenient for Practical Attachment

• Available to Drive with PMOS IC Output

• Clamp Diode Attached

• Wide Input Voltage Range (–40V to +40V)

• Wide Operating Temperature Range (TA = –20° to +75°C)



Applications:

  Attachment relay or printer drive, digit drive of LED and lamps indicator device, interface of MOS bipolar–logic IC, etc.



 




Similar Part No. - NTE2076

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2072 NTE-NTE2072 Datasheet
22Kb / 3P
   Integrated Circuit Transistor Array w/Clamp Diode and Strobe
NTE2073 NTE-NTE2073 Datasheet
22Kb / 3P
   Integrated Circuit Transistor Array w/Clamp Diode and Strobe
NTE2074 NTE-NTE2074 Datasheet
76Kb / 2P
   Integrated Circuit 7−Stage Darlington Transistor Array w/Clamp Diode
NTE2075 NTE-NTE2075 Datasheet
21Kb / 2P
   Integrated Circuit 5-Stage Transistor Array w/Strobe
NTE2077 NTE-NTE2077 Datasheet
78Kb / 2P
   Integrated Circuit 6−Stage Darlington Transistor Array w/Clamp Diode
More results


Similar Description - NTE2076

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2074 NTE-NTE2074 Datasheet
76Kb / 2P
   Integrated Circuit 7−Stage Darlington Transistor Array w/Clamp Diode
NTE2077 NTE-NTE2077 Datasheet
78Kb / 2P
   Integrated Circuit 6−Stage Darlington Transistor Array w/Clamp Diode
NTE2072 NTE-NTE2072 Datasheet
22Kb / 3P
   Integrated Circuit Transistor Array w/Clamp Diode and Strobe
NTE2073 NTE-NTE2073 Datasheet
22Kb / 3P
   Integrated Circuit Transistor Array w/Clamp Diode and Strobe
NTE2079 NTE-NTE2079 Datasheet
20Kb / 2P
   Integrated Circuit 7-Stage Darlington Transistor Array
logo
KEC(Korea Electronics)
KID65001APV KEC-KID65001APV Datasheet
509Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (7 CIRCUIT DARLINGTON TRANSISTOR ARRAY)
KID65001AP KEC-KID65001AP Datasheet
812Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (7 CIRCUIT DARLINGTON TRANSISTOR ARRAY)
logo
Mitsubishi Electric Sem...
M54531P MITSUBISHI-M54531P Datasheet
101Kb / 3P
   7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63823P MITSUBISHI-M63823P Datasheet
78Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M54531P MITSUBISHI-M54531P_99 Datasheet
73Kb / 4P
   7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com