Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE21 Datasheet (PDF) - NTE Electronics

NTE21 Datasheet PDF - NTE Electronics
Part # NTE21
Download  NTE21 Download

File Size   19.74 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors High Power, Low Collector Saturation Voltage Power Output

NTE21 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE21 Datasheet PDF - NTE Electronics

Part # NTE21
Download  NTE21 Click to download

File Size   19.74 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors High Power, Low Collector Saturation Voltage Power Output

NTE21 Datasheet (HTML) - NTE Electronics

NTE21 Datasheet HTML 1Page - NTE Electronics NTE21 Datasheet HTML 2Page - NTE Electronics

NTE21 Product details

Features:

• High Power in a Compact ATR Package: PO = 1W



Applications:

• Regulated Power Supplies

• 1 to 2W Output Stages

• Drivers



 




Similar Part No. - NTE21

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE210 NTE-NTE210 Datasheet
22Kb / 2P
   Silicon Complementary Transistors General Purpose Output & Driver
NTE2102 NTE-NTE2102 Datasheet
28Kb / 3P
   Integrated Circuit NMOS, 1K Static RAM (SRAM), 350ns
NTE2102 NTE-NTE2102 Datasheet
165Kb / 1P
   MICROPROCESSOR & MEMORY CIRCUITS
NTE2104 NTE-NTE2104 Datasheet
165Kb / 1P
   MICROPROCESSOR & MEMORY CIRCUITS
NTE2107 NTE-NTE2107 Datasheet
165Kb / 1P
   MICROPROCESSOR & MEMORY CIRCUITS
More results


Similar Description - NTE21

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SMBTA42 INFINEON-SMBTA42_07 Datasheet
71Kb / 6P
   NPN Silicon High-Voltage Transistors Low collector-emitter saturation voltage
2007-04-19
PZTA42 INFINEON-PZTA42_07 Datasheet
67Kb / 6P
   NPN Silicon High-Voltage Transistors Low collector-emitter saturation voltage
2007-04-26
logo
Siemens Semiconductor G...
BSP60BSP62 SIEMENS-BSP60BSP62 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
BSP50BSP52 SIEMENS-BSP50BSP52 Datasheet
152Kb / 5P
   NPN Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
BF421 SIEMENS-BF421 Datasheet
124Kb / 4P
   PNP Silicon Transistors (High breakdown voltage Low collector-emitter saturation voltage)
BFP23 SIEMENS-BFP23 Datasheet
194Kb / 4P
   PNP Silicon Transistors (High breakdown voltage Low collector-emitter saturation voltage)
BFP22 SIEMENS-BFP22 Datasheet
171Kb / 4P
   NPN Silicon Transistors (High breakdown voltage l Low collector-emitter saturation voltage)
logo
NTE Electronics
NTE58 NTE-NTE58 Datasheet
21Kb / 2P
   Silicon Complementary Transistors High Power Audio Output
logo
Siemens Semiconductor G...
BC327 SIEMENS-BC327 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com