Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK15C88-P45I Datasheet (PDF) - List of Unclassifed Manufacturers

STK15C88-P45I Datasheet PDF - List of Unclassifed Manufacturers
Part # STK15C88-P45I
Download  STK15C88-P45I Download

File Size   75.98 Kbytes
Page   9 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM

STK15C88-P45I Datasheet (PDF)

Go To PDF Page Download Datasheet
STK15C88-P45I Datasheet PDF - List of Unclassifed Manufacturers

Part # STK15C88-P45I
Download  STK15C88-P45I Click to download

File Size   75.98 Kbytes
Page   9 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM

STK15C88-P45I Datasheet (HTML) - List of Unclassifed Manufacturers

STK15C88-P45I Datasheet HTML 1Page - List of Unclassifed Manufacturers STK15C88-P45I Datasheet HTML 2Page - List of Unclassifed Manufacturers STK15C88-P45I Datasheet HTML 3Page - List of Unclassifed Manufacturers STK15C88-P45I Datasheet HTML 4Page - List of Unclassifed Manufacturers STK15C88-P45I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK15C88-P45I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK15C88-P45I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK15C88-P45I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK15C88-P45I Datasheet HTML 9Page - List of Unclassifed Manufacturers

STK15C88-P45I Product details

[Simtek]

DESCRIPTION
The Simtek STK15C88 is a fast static RAM with a nonvolatile, electrically-erasable PROM element incorporated in each static memory cell. The SRAM can be read and written an unlimited number of times, while independent, nonvolatile data resides in EEPROM. Data transfers from the SRAM to the EEPROM (the STORE operation) can take place automatically on power down using charge stored in system capacitance. Transfers from the EEPROM to the SRAM (the RECALL operation) take place automatically on restoration of power. Initiation of STORE and RECALL cycles can also be controlled by entering control sequences on the SRAM inputs.

FEATURES
• Nonvolatile Storage Without Battery Problems
• Directly Replaces 32K x 8 static RAM, Battery Backed RAM or EEPROM
• 25ns, 35ns and 45ns Access Times
• Store to EEPROM Initiated by Software or AutoStore™ on Power Down
• Recall to SRAM by Software or Power Restore
• 15mA ICC at 200ns Cycle Time
• Unlimited Read, Write and Recall Cycles
• 1,000,000 Store Cycles to EEPROM
• 100 Year Data Retention Over Full Industrial Temperature Range
• Commercial and Industrial Temp. Ranges
• 28 Pin 600 or 300 mil PDIP and 350 mil SOIC




Similar Part No. - STK15C88-P45I

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK15C88-NF25 SIMTEK-STK15C88-NF25 Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
logo
Cypress Semiconductor
STK15C88-NF25 CYPRESS-STK15C88-NF25 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
logo
Simtek Corporation
STK15C88-NF25I SIMTEK-STK15C88-NF25I Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
logo
Cypress Semiconductor
STK15C88-NF25I CYPRESS-STK15C88-NF25I Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
STK15C88-NF25I CYPRESS-STK15C88-NF25I Datasheet
832Kb / 17P
   256-Kbit (32 K x 8) PowerStore nvSRAM Unlimited RECALL Cycles
More results


Similar Description - STK15C88-P45I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK14C88-M ETC1-STK14C88-M Datasheet
85Kb / 12P
   32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK25CA8 ETC-STK25CA8 Datasheet
129Kb / 8P
   128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK11C88 ETC1-STK11C88 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com