Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAZ4220 Datasheet (PDF) - Panasonic Semiconductor

MAZ4220 Datasheet PDF - Panasonic Semiconductor
Part # MAZ4220
Download  MAZ4220 Download

File Size   107.05 Kbytes
Page   7 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Silicon planar type

MAZ4220 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAZ4220 Datasheet PDF - Panasonic Semiconductor

Part # MAZ4220
Download  MAZ4220 Click to download

File Size   107.05 Kbytes
Page   7 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Silicon planar type

MAZ4220 Datasheet (HTML) - Panasonic Semiconductor

MAZ4220 Datasheet HTML 1Page - Panasonic Semiconductor MAZ4220 Datasheet HTML 2Page - Panasonic Semiconductor MAZ4220 Datasheet HTML 3Page - Panasonic Semiconductor MAZ4220 Datasheet HTML 4Page - Panasonic Semiconductor MAZ4220 Datasheet HTML 5Page - Panasonic Semiconductor MAZ4220 Datasheet HTML 6Page - Panasonic Semiconductor MAZ4220 Datasheet HTML 7Page - Panasonic Semiconductor

MAZ4220 Product details

Silicon planar type

For stabilization of power supply

■ Features
• High reliability, achieved by the DHD structure
• Allowing to insert to a 5 mm pitch hole
• Finely divided zener-voltage rank
• Sharp rising performance
• Wide voltage range: VZ = 2.0 V to 39 V




Similar Part No. - MAZ4220

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ4220 PANASONIC-MAZ4220 Datasheet
76Kb / 6P
   Silicon planar type
MAZ4220 PANASONIC-MAZ4220 Datasheet
72Kb / 5P
   Silicon planar type
MAZ4220 PANASONIC-MAZ4220 Datasheet
117Kb / 5P
   Zener Diodes Silicon planar type
MAZ4220-H PANASONIC-MAZ4220-H Datasheet
76Kb / 6P
   Silicon planar type
MAZ4220-H PANASONIC-MAZ4220-H Datasheet
72Kb / 5P
   Silicon planar type
More results


Similar Description - MAZ4220

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com