Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5362B Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

1N5362B Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # 1N5362B
Download  1N5362B Download

File Size   3308.36 Kbytes
Page   5 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description POWER DISSIPATION

1N5362B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5362B Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 1N5362B
Download  1N5362B Click to download

File Size   3308.36 Kbytes
Page   5 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description POWER DISSIPATION

1N5362B Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd

1N5362B Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N5362B Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N5362B Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N5362B Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N5362B Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd

1N5362B Product details

POWER DISSIPATION: 5.0 W

FEATURES
◇ Silicon planar power zener diodes
◇ For use in stabilizing and clipping curcuits with high
   power rating.
◇ Standard zener voltage tolerance is ±10%. Add
   suffix"B" for ±5% tolerance. other zener voltage
   and tolerances are available upon request.




Similar Part No. - 1N5362B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5362B MCC-1N5362B Datasheet
333Kb / 6P
   5 Watt Zener Diode 5.1 to 51 Volts Epoxy meets UL 94 V-0 flammability rating
logo
Motorola, Inc
1N5362B MOTOROLA-1N5362B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Diotec Semiconductor
1N5362B DIOTEC-1N5362B Datasheet
91Kb / 2P
   Silicon-Power-Zener Diodes
logo
Semikron International
1N5362B SEMIKRON-1N5362B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
1N5362B EIC-1N5362B Datasheet
59Kb / 3P
   SILICON ZENER DIODES
More results


Similar Description - 1N5362B

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
PZT2222A SKTECHNOLGY-PZT2222A Datasheet
1Mb / 4P
   Power dissipation
S9013 SKTECHNOLGY-S9013 Datasheet
525Kb / 2P
   Power dissipation
MMBD2838 SKTECHNOLGY-MMBD2838 Datasheet
383Kb / 2P
   Power dissipation
MMBTA13 SKTECHNOLGY-MMBTA13 Datasheet
1Mb / 4P
   Power dissipation
logo
Nanjing International G...
C1815 DGNJDZ-C1815 Datasheet
1Mb / 2P
   Power dissipation
logo
SHIKUES Electronics
2SB709A SKTECHNOLGY-2SB709A Datasheet
2Mb / 3P
   Power Dissipation
S9011 SKTECHNOLGY-S9011 Datasheet
440Kb / 2P
   Power dissipation
logo
List of Unclassifed Man...
UPD75217CW ETC-UPD75217CW Datasheet
714Kb / 19P
   POWER DISSIPATION
logo
Ohmite Mfg. Co.
ACL-FPA600 OHMITE-ACL-FPA600 Datasheet
243Kb / 2P
   Power Dissipation
logo
SHIKUES Electronics
MMBD2836 SKTECHNOLGY-MMBD2836 Datasheet
191Kb / 1P
   Power dissipation
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com