Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1854D Datasheet (PDF) - NTE Electronics

NTE1854D Datasheet PDF - NTE Electronics
Part # NTE1854D
Download  NTE1854D Download

File Size   27.21 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Dual Power Operational Amplifie

NTE1854D Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1854D Datasheet PDF - NTE Electronics

Part # NTE1854D
Download  NTE1854D Click to download

File Size   27.21 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Dual Power Operational Amplifie

NTE1854D Datasheet (HTML) - NTE Electronics

NTE1854D Datasheet HTML 1Page - NTE Electronics NTE1854D Datasheet HTML 2Page - NTE Electronics NTE1854D Datasheet HTML 3Page - NTE Electronics

NTE1854D Product details

Description:

The NTE1854D/NTE1854M is a monolithic dual–power operational amplifier which features a high current, low saturation voltage, flyback protected output stage optimized for driving heavy inductive loads. Capable of operation in a single supply mode form as low as 4.5V up to 13.2V, the NTE1854D/NTE1854M is ideally suited for the computer peripheral environment, driving small motors, solenoids, and linear actuators in an H–bridge configuration. As a general–purpose op amp, the NTE1854D/NTE1854M exhibits low input offset voltage, high open loop gain, low quiescent current, a large differential input voltage range, and a common–mode input voltage range which includes ground (VEE).



Features:

• Full output swing at ±500mA

• High inductive load drive capability

• Internal flyback protection diodes

• Low power dissipation

• Single or split supply operation

• Common–mode range includes ground (VEE)

• High open loop gain

• Low input offset voltage

• Large differential input voltage range

• Thermal shutdown protection

• Available in Two Package Types:

   NTE1854M: 8–Lead Mini DIP

   NTE1854D: 14–Lead DIP



 




Similar Part No. - NTE1854D

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE185 NTE-NTE185 Datasheet
22Kb / 2P
   Silicon Complementary Transistors Audio Power Amp, Switch
NTE1850 NTE-NTE1850 Datasheet
28Kb / 3P
   Integrated Circuit Dual 12W/Channel Audio Power Amplifier
NTE1851 NTE-NTE1851 Datasheet
32Kb / 4P
   Integrated Circuit Audio Amplifier, 24W BTL
NTE1852 NTE-NTE1852 Datasheet
90Kb / 2P
   Integrated Circuit 4W Audio Amplifier with DC Volume Control
NTE1853 NTE-NTE1853 Datasheet
40Kb / 6P
   Integrated Circuit Digital Filter for Compact Disc Digital Audio System
More results


Similar Description - NTE1854D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OP07C TI1-OP07C_18 Datasheet
922Kb / 21P
[Old version datasheet]   Precision Operational Amplifie
OPA2690 TI1-OPA2690_14 Datasheet
1Mb / 39P
[Old version datasheet]   Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIE
logo
NTE Electronics
NTE928 NTE-NTE928 Datasheet
29Kb / 3P
   Integrated Circuit Low Power Dual Operational Amplifier
NTE928M NTE-NTE928M Datasheet
29Kb / 3P
   Integrated Circuit Low Power Dual Operational Amplifier
NTE928S NTE-NTE928S Datasheet
27Kb / 3P
   Integrated Circuit Low Power Dual Operational Amplifier
NTE778A NTE-NTE778A Datasheet
27Kb / 3P
   Integrated Circuit Dual Operational Amplifier
NTE947 NTE-NTE947 Datasheet
29Kb / 3P
   Integrated Circuit Dual Operational Amplifier
NTE870 NTE-NTE870 Datasheet
25Kb / 3P
   Integrated Circuit Dual Operational Transconductance Amp
NTE891M NTE-NTE891M Datasheet
26Kb / 3P
   Integrated Circuit Dual Audio Operational Amplifier
NTE949 NTE-NTE949 Datasheet
28Kb / 3P
   Integrated Circuit Dual Audio Operational Amplifier/Preamplifier
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com