Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ15A Datasheet (PDF) - Zibo Seno Electronic Engineering Co.,Ltd

GBJ15A Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd
Part # GBJ15A
Download  GBJ15A Download

File Size   43.51 Kbytes
Page   2 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 15A GLASS PASSIVATED BRIDGE RECTIFIER

GBJ15A Datasheet (PDF)

Go To PDF Page Download Datasheet
GBJ15A Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd

Part # GBJ15A
Download  GBJ15A Click to download

File Size   43.51 Kbytes
Page   2 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 15A GLASS PASSIVATED BRIDGE RECTIFIER

GBJ15A Datasheet (HTML) - Zibo Seno Electronic Engineering Co.,Ltd

GBJ15A Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd GBJ15A Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd

GBJ15A Product details

Features
• Glass Passivated Die Construction
• High Case Dielectric Strength of 1500VRMS
• Low Reverse Leakage Current
• Surge Overload Rating to 240A Peak
• Ideal for Printed Circuit Board Applications
• Plastic Material - UL Flammability Classification 94V-0
• Lead Free Finish/RoHS Complian




Similar Part No. - GBJ15A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GBJ15A GOOD-ARK-GBJ15A Datasheet
171Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Won-Top Electronics
GBJ15A WTE-GBJ15A Datasheet
62Kb / 4P
   15A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
GBJ15A SECOS-GBJ15A Datasheet
186Kb / 2P
   15.0 AMP Glass Passivated Bridge Rectifiers
logo
CHENG-YI ELECTRONIC CO....
GBJ15A CHENG-YI-GBJ15A Datasheet
158Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Formosa MS
GBJ15A FORMOSA-GBJ15A Datasheet
98Kb / 6P
   Bridge Rectifier
More results


Similar Description - GBJ15A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ15005 DIODES-GBJ15005 Datasheet
62Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. D-2
logo
Shenzhen Luguang Electr...
GBJ15005 LUGUANG-GBJ15005 Datasheet
157Kb / 2P
   15A Glass Passivated Bridge Rectifier
logo
Nanjing International G...
GBJ15005 DGNJDZ-GBJ15005 Datasheet
222Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
RS15005M ZSELEC-RS15005M Datasheet
87Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Changzhou Shunye Electr...
GBJ15005 SY-GBJ15005 Datasheet
599Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBJ15005 DIODES-GBJ15005_1 Datasheet
82Kb / 3P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. 7 - 2
logo
TAITRON Components Inco...
GBPC15-005W TAITRON-GBPC15-005W Datasheet
138Kb / 4P
   15A Glass Passivated Bridge Rectifier
logo
Yea Shin Technology Co....
GBJ15005 YEASHIN-GBJ15005 Datasheet
328Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ15005 ZSELEC-GBJ15005 Datasheet
43Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
D15XB05 ZSELEC-D15XB05 Datasheet
43Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com