Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D20XB60 Datasheet (PDF) - Zibo Seno Electronic Engineering Co.,Ltd

D20XB60 Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd
Part # D20XB60
Download  D20XB60 Download

File Size   54.46 Kbytes
Page   2 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 20A GLASS PASSIVATED BRIDGE RECTIFIER

D20XB60 Datasheet (PDF)

Go To PDF Page Download Datasheet
D20XB60 Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd

Part # D20XB60
Download  D20XB60 Click to download

File Size   54.46 Kbytes
Page   2 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 20A GLASS PASSIVATED BRIDGE RECTIFIER

D20XB60 Datasheet (HTML) - Zibo Seno Electronic Engineering Co.,Ltd

D20XB60 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd D20XB60 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd

D20XB60 Product details

Features
● Glass Passivated Die Construction
● High Case Dielectric Strength of 1500VRMS
● Low Reverse Leakage Current
● Surge Overload Rating to 240A Peak
● Ideal for Printed Circuit Board Applications
● Lead Free Finish/RoHS Complian




Similar Part No. - D20XB60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D20XB60 SHINDENGEN-D20XB60 Datasheet
303Kb / 6P
   General Purpose Rectifiers(600V 20A)
logo
New Jersey Semi-Conduct...
D20XB60 NJSEMI-D20XB60 Datasheet
151Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
D20XB60 EIC-D20XB60 Datasheet
134Kb / 2P
   SILICON BRIDGE RECTIFIERS
Rev. 03 : August 20, 2012
logo
Shindengen Electric Mfg...
D20XB60 SHINDENGEN-D20XB60_17 Datasheet
433Kb / 4P
   Single In-line Package
More results


Similar Description - D20XB60

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
GBJ20005 YEASHIN-GBJ20005 Datasheet
329Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBJ20005 ZSELEC-KBJ20005 Datasheet
101Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
KBJ20A ZSELEC-KBJ20A Datasheet
101Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
RS2001M ZSELEC-RS2001M Datasheet
107Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBJ20005 DIODES-GBJ20005 Datasheet
53Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
DS21220 Rev. D-2
logo
Zibo Seno Electronic En...
GBJ20A ZSELEC-GBJ20A Datasheet
63Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
GBJ20005 ZSELEC-GBJ20005 Datasheet
63Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBJ20005 DIODES-GBJ20005_15 Datasheet
79Kb / 3P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
RS20005M ZSELEC-RS20005M Datasheet
119Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Changzhou Shunye Electr...
GBJ20005 SY-GBJ20005 Datasheet
557Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
D20SB05 ZSELEC-D20SB05 Datasheet
93Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com