Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1764 Datasheet (PDF) - NTE Electronics

NTE1764 Datasheet PDF - NTE Electronics
Part # NTE1764
Download  NTE1764 Download

File Size   20.79 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Infrared Preamplifier

NTE1764 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1764 Datasheet PDF - NTE Electronics

Part # NTE1764
Download  NTE1764 Click to download

File Size   20.79 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Infrared Preamplifier

NTE1764 Datasheet (HTML) - NTE Electronics


NTE1764 Product details

Description:

The NTE1764 is an infrared preamplifier in a 14–Lead DIP type package and contains four main parts: the gain–controlled amplifier I, the amplifier II, the pulse–separating amplifier III, and the inverter IV.

The amplifier I has a wide dynamic range and thus ensures interference free operation, also at bright ambient light, 50Hz modulated light originating from fluorescent lamps, or at intensive infrared light, e.g. produced by infrared sound transmission. It is also possible, to approach almost directly the remote–control transmitter to the receiver without producing misfunction by overdriving the receiver.

The amplifier II further amplifies the signal, and amplifier III separates the pulse–shaped intelligence signal from noise and other unwanted parts. The inverter IV provided additionally inverts the output signal available at Pin7 as negative pulse, and thus delivers positive output pulses at Pin8. If an additional resistor is inserted between Pin6 and GND, the noise–immunity is increased, but the input sensitivity decreased. Pin10 serves as test pin and must not be connected.

The capacitor connected from Pin2 to GND influences the automatic gain control of amplifier I contained in the NTE1764. A capacitance of less than 1µF will cause misfunction in the distance range of 0.2, to 2m.



 




Similar Part No. - NTE1764

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE176 NTE-NTE176 Datasheet
18Kb / 1P
Germaniun PNP Transistor Audio Power Amplifier
NTE1761 NTE-NTE1761 Datasheet
26Kb / 3P
Integrated Circuit Infrared Remote Control Preamp
NTE1762 NTE-NTE1762 Datasheet
26Kb / 3P
Integrated Circuit Infrared Remote Control Preamp
NTE1765 NTE-NTE1765 Datasheet
31Kb / 4P
Integrated Circuit Dual Channel Current Mode Controller
NTE1766 NTE-NTE1766 Datasheet
22Kb / 2P
Integrated Circuit Reversible Motor Driver
More results


Similar Description - NTE1764

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1660 NTE-NTE1660 Datasheet
79Kb / 2P
Integrated Circuit Audio Preamplifier
NTE15004 NTE-NTE15004 Datasheet
21Kb / 2P
Integrated Circuit Remote Control Preamplifier
NTE1659 NTE-NTE1659 Datasheet
21Kb / 2P
Integrated Circuit Dual AF Preamplifier
NTE1053 NTE-NTE1053 Datasheet
79Kb / 2P
Integrated Circuit AF High Gain Preamplifier
logo
Micronas
TBA2800 MICRONAS-TBA2800 Datasheet
138Kb / 4P
Infrared Preamplifier IC
logo
NTE Electronics
NTE824 NTE-NTE824 Datasheet
20Kb / 2P
Integrated Circuit Low Noise Dual Preamplifier
NTE1103 NTE-NTE1103 Datasheet
22Kb / 2P
Integrated Circuit General Purpose, Low Noise Preamplifier
NTE949 NTE-NTE949 Datasheet
28Kb / 3P
Integrated Circuit Dual Audio Operational Amplifier/Preamplifier
logo
List of Unclassifed Man...
IC1001 ETC2-IC1001 Datasheet
193Kb / 4P
INFRARED RECEIVER/DECODER INTEGRATED CIRCUIT
logo
NEC
UPC2807 NEC-UPC2807 Datasheet
46Kb / 8P
PREAMPLIFIER FOR INFRARED REMOTE CONTROLLER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com