Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH6345 Datasheet (PDF) - Vishay Siliconix

SFH6345 Datasheet PDF - Vishay Siliconix
Part # SFH6345
Download  SFH6345 Download

File Size   210.93 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/μs

SFH6345 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH6345 Datasheet PDF - Vishay Siliconix

Part # SFH6345
Download  SFH6345 Click to download

File Size   210.93 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/μs

SFH6345 Datasheet (HTML) - Vishay Siliconix

SFH6345 Datasheet HTML 1Page - Vishay Siliconix SFH6345 Datasheet HTML 2Page - Vishay Siliconix SFH6345 Datasheet HTML 3Page - Vishay Siliconix SFH6345 Datasheet HTML 4Page - Vishay Siliconix SFH6345 Datasheet HTML 5Page - Vishay Siliconix SFH6345 Datasheet HTML 6Page - Vishay Siliconix SFH6345 Datasheet HTML 7Page - Vishay Siliconix SFH6345 Datasheet HTML 8Page - Vishay Siliconix SFH6345 Datasheet HTML 9Page - Vishay Siliconix SFH6345 Datasheet HTML 10Page - Vishay Siliconix

SFH6345 Product details

DESCRIPTION

The SFH6345 is an optocoupler with a GaAlAs infrared emitting diode, optically coupled to an integrated photo detector consisting of a photo diode and a high speed transistor in a DIP-8 plastic package. The device is similar to the 6N135 but has an additional faraday shield on the

detector which enhances the input-output dV/dt immunity. Signals can be transmitted between two electrically separated circuits up to frequencies of 2 MHz. The potential difference between the circuits to be coupled should not exceed the maximum permissible reference voltages.



FEATURES

• Direct replacement for HCPL 4503

• High speed optocoupler without base connection

• Isolation test voltage: 5300 VRMS

• GaAlAs emitter

• Integrated detector with photo diode and transistor

• High data transmission rate: 1.0 MBit/s

• TTL compatible

• Open collector output

• Good CTR linearity relative to forward current

• Field effect stable

• Low coupling capacitance

• Very high common mode transient immunity dV/dt: ≥15 kV/µs at VCM= 1500 V

• Lead (Pb)-free component

• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC




Similar Part No. - SFH6345

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH6345 SIEMENS-SFH6345 Datasheet
35Kb / 3P
   HIGH SPEED 5.3 kV OPTOCOUPLER
logo
Vishay Siliconix
SFH6345 VISHAY-SFH6345 Datasheet
182Kb / 8P
   High Speed Optocoupler, 1 Mbd, 15 kV/µs CMR, Transistor Output
Rev. 1.6, 18-Feb-08
SFH6345 VISHAY-SFH6345 Datasheet
178Kb / 7P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/us
Rev. 2.1, 09-Mar-12
SFH6345 VISHAY-SFH6345 Datasheet
178Kb / 7P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/us
Rev. 2.1, 09-Mar-12
SFH6345 VISHAY-SFH6345 Datasheet
214Kb / 10P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/μs
01-Jan-2022
More results


Similar Description - SFH6345

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6345 VISHAY-SFH6345_V01 Datasheet
214Kb / 10P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/μs
01-Jan-2022
SFH6345-X001 VISHAY-SFH6345-X001 Datasheet
178Kb / 7P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/us
Rev. 2.1, 09-Mar-12
SFH6345-X007T VISHAY-SFH6345-X007T Datasheet
178Kb / 7P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/us
Rev. 2.1, 09-Mar-12
SFH6345-X017T VISHAY-SFH6345-X017T Datasheet
178Kb / 7P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/關s
Rev. 2.1, 09-Mar-12
VOM453 VISHAY-VOM453_V01 Datasheet
130Kb / 9P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, SOP-5 Package
01-Jan-2022
SFH6345 VISHAY-SFH6345_08 Datasheet
182Kb / 8P
   High Speed Optocoupler, 1 Mbd, 15 kV/µs CMR, Transistor Output
Rev. 1.6, 18-Feb-08
logo
Broadcom Corporation.
ACNT-H343 BOARDCOM-ACNT-H343 Datasheet
525Kb / 16P
   5-Amp Gate Drive Optocoupler in 15-mm SSO8 Package with 100-kV/μs Noise Immunity
April 10, 2020
logo
Vishay Siliconix
SFH6700 VISHAY-SFH6700_05 Datasheet
1Mb / 15P
   High Speed Optocoupler, 5 MBd, 1 kV/µs dV/dt
Rev. 1.5, 15-Apr-05
SFH6701 VISHAY-SFH6701 Datasheet
408Kb / 16P
   High Speed Optocoupler, 5 MBd, 1 kV/us dV/dt
Rev. 1.3, 27-Apr-04
logo
Unisonic Technologies
U74ACT00G-S14-R UTC-U74ACT00G-S14-R Datasheet
183Kb / 4P
   High Noise Immunity
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com