Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC2001 Datasheet (PDF) - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC2001 Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd
Part # 2SC2001
Download  2SC2001 Download

File Size   802.77 Kbytes
Page   5 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description TO-92 Plastic-Encapsulate Transistors

2SC2001 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2001 Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SC2001
Download  2SC2001 Click to download

File Size   802.77 Kbytes
Page   5 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description TO-92 Plastic-Encapsulate Transistors

2SC2001 Datasheet (HTML) - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC2001 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2001 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2001 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2001 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2001 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC2001 Product details

TRANSISTOR (NPN)

FEATURES
● High hFE and Low VCE(sat)
   hFE(IC=100mA) : 200(Typ)
   VCE(sat)(700mA): 0.2V (Typ)




Similar Part No. - 2SC2001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC2001 ETC-2SC2001 Datasheet
1Mb / 2P
   TO-92 Plastic-Encapsulate Transistors
logo
NEC
2SC2001 NEC-2SC2001 Datasheet
154Kb / 2P
   NPN SILICON TRANSISTOR
logo
List of Unclassifed Man...
2SC2001 ETC1-2SC2001 Datasheet
41Kb / 1P
   Medium Power Amplifiers and Switches
logo
TRANSYS Electronics Lim...
2SC2001 TEL-2SC2001 Datasheet
59Kb / 1P
   Plastic-Encapsulated Transistors
logo
Dc Components
2SC2001 DCCOM-2SC2001 Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
More results


Similar Description - 2SC2001

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com