Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12SQ030-12SQ100 Datasheet (PDF) - Naina Semiconductor ltd.

12SQ030-12SQ100 Datasheet PDF - Naina Semiconductor ltd.
Part # 12SQ030-12SQ100
Download  12SQ030-12SQ100 Download

File Size   131.14 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Schottky Barrier Rectifier, 12.0 A

12SQ030-12SQ100 Datasheet (PDF)

Go To PDF Page Download Datasheet
12SQ030-12SQ100 Datasheet PDF - Naina Semiconductor ltd.

Part # 12SQ030-12SQ100
Download  12SQ030-12SQ100 Click to download

File Size   131.14 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Schottky Barrier Rectifier, 12.0 A

12SQ030-12SQ100 Datasheet (HTML) - Naina Semiconductor ltd.

12SQ030-12SQ100 Datasheet HTML 1Page - Naina Semiconductor ltd. 12SQ030-12SQ100 Datasheet HTML 2Page - Naina Semiconductor ltd.



Similar Part No. - 12SQ030-12SQ100

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
12SQ030 LUGUANG-12SQ030 Datasheet
328Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
12SQ030 DYELEC-12SQ030 Datasheet
503Kb / 2P
   12.0 AMP.Schottky Barrier Rectifiers
logo
Zibo Seno Electronic En...
12SQ030 ZSELEC-12SQ030 Datasheet
172Kb / 2P
   12A SCHOTTKY BARRIER DIODE
logo
Shenzhen Yixinwei Techn...
12SQ030 YIXIN-12SQ030 Datasheet
229Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
12SQ030 YIXIN-12SQ030 Datasheet
244Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - 12SQ030-12SQ100

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR1202 TSC-SR1202 Datasheet
618Kb / 2P
   12.0 AMP. Schottky Barrier Rectifiers
SR1202 TSC-SR1202_10 Datasheet
501Kb / 2P
   12.0 AMP. Schottky Barrier Rectifiers
SK12H45 TSC-SK12H45 Datasheet
144Kb / 2P
   12.0 AMPS. Schottky Barrier Rectifiers
logo
Rectron Semiconductor
SPK1290K RECTRON-SPK1290K Datasheet
104Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE 90 Volts CURRENT 12.0 Amperes
SPKC1290 RECTRON-SPKC1290 Datasheet
103Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE 90 Volts CURRENT 12.0 Amperes
logo
TAITRON Components Inco...
TSR220 TAITRON-TSR220 Datasheet
185Kb / 4P
   2.0 A SCHOTTKY BARRIER RECTIFIER
logo
Microsemi Corporation
UPS760E3 MICROSEMI-UPS760E3 Datasheet
201Kb / 5P
   7 A Schottky Barrier Rectifier
logo
Nanjing International G...
MBRB2035CT-20A DGNJDZ-MBRB2035CT-20A Datasheet
348Kb / 2P
   20.0 A Schottky Barrier Rectifier
logo
Naina Semiconductor ltd...
10SQ030 NAINA-10SQ030 Datasheet
130Kb / 2P
   Schottky Barrier Rectifier, 10.0 A
15SQ030 NAINA-15SQ030 Datasheet
131Kb / 2P
   Schottky Barrier Rectifier, 15.0 A
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com