Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RV5C348A-E2-F Datasheet (PDF) - RICOH electronics devices division

RV5C348A-E2-F Datasheet PDF - RICOH electronics devices division
Part No. RV5C348A-E2-F
Download  RV5C348A-E2-F Click to view

File Size   1040.78 Kbytes
Page   47 Pages
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division
Description 4-wire Serial Interface

RV5C348A-E2-F Datasheet (PDF)

Go To PDF Page Download Datasheet
RV5C348A-E2-F Datasheet PDF - RICOH electronics devices division

Part No. RV5C348A-E2-F
Download  RV5C348A-E2-F Click to view

File Size   1040.78 Kbytes
Page   47 Pages
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division
Description 4-wire Serial Interface

RV5C348A-E2-F Datasheet (HTML) - RICOH electronics devices division

Back Button RV5C348A-E2-F Datasheet HTML 1Page - RICOH electronics devices division RV5C348A-E2-F Datasheet HTML 2Page - RICOH electronics devices division RV5C348A-E2-F Datasheet HTML 3Page - RICOH electronics devices division RV5C348A-E2-F Datasheet HTML 4Page - RICOH electronics devices division RV5C348A-E2-F Datasheet HTML 5Page - RICOH electronics devices division RV5C348A-E2-F Datasheet HTML 6Page - RICOH electronics devices division RV5C348A-E2-F Datasheet HTML 7Page - RICOH electronics devices division RV5C348A-E2-F Datasheet HTML 8Page - RICOH electronics devices division RV5C348A-E2-F Datasheet HTML 9Page - RICOH electronics devices division RV5C348A-E2-F Datasheet HTML 10Page - RICOH electronics devices division Next Button 

RV5C348A-E2-F Product details

OUTLINE
The Rx5C348A/B are CMOS real-time clock ICs connected to the CPU by four signal lines, CE, SCLK, SI, SO, and configured to perform serial transmission of time and calendar data to the CPU. The periodic interrupt circuit is configured to generate interrupt signals with six selectable interrupts ranging from 0.5 seconds to 1 month. The 2 alarm interrupt circuits generate interrupt signals at preset times. As the oscillation circuit is driven under constant voltage, fluctuation of the oscillator frequency due to supply voltage is small, and the time keeping current is small (TYP. 0.35µA at 3V: Rx5C348A, TYP.0.55µA at 3V: Rx5C348B). The oscillation halt sensing circuit can be used to judge the validity of internal data in such events as power-on; The supply voltage monitoring circuit is configured to record a drop in supply voltage below two selectable supply voltage monitoring threshold settings. The 32.768kHz clock output function (N-channel open drain output) is intended to output sub-clock pulses for the external microcomputer. The 32-kHz clock circuit can be disabled by certain register settings for the Rx5C348A but cannot be disabled by any register settings for the Rx5C348B. The oscillation adjustment circuit is intended to adjust time counts with high precision by correcting deviations in the oscillation frequency of the crystal oscillator. These models come in an ultra-compact SSOP10 (RS5C348A/B), SSOP10G (RV5C348A/B), TSSOP10G (RT5C348B)

FEATURES
● Timekeeping supply voltage ranging from 1.45 to 5.5V
● Low power consumption
   Rx5C348A: 0.35µA TYP (0.8µA MAX) at VDD=3V
   Rx5C348B: 0.55µA TYP (1.0µA MAX) at VDD=3V
● Only four signal lines (CE, SCLK, SI, and SO) required for connection to the CPU.
● Maximum clock frequency of 2 MHz (with VDD = 5V)
● Time counters (counting hours, minutes, and seconds) and calendar counters
   (counting years, months, days, and weeks) (in BCD format)
● Interrupt circuit configured to generate interrupt signals
   (with interrupts ranging from 0.5 seconds to 1 month)
   to the CPU and provided with an interrupt flag and an interrupt halt
● 2 alarm interrupt circuits
   (Alarm_W for week, hour, and minute alarm settings and Alarm_D
   for hour and minute alarm settings)
● 32-kHz clock output circuit (Nch. open drain output)
● The Rx5C348A is designed to disable 32-kHz clock output in response to a command
   from the host computer and the Rx5C348B is designed to keep 32-kHz output enabled.
● Oscillation halt sensing circuit which can be used to judge the validity of internal data
● Supply voltage monitoring circuit with two supply voltage monitoring threshold settings
● Automatic identification of leap years up to the year 2099
● Selectable 12-hour and 24-hour mode settings
● Built-in oscillation stabilization capacitors (CG and CD)
● High precision oscillation adjustment circuit
● Ultra-compact SSOP10 (RS5C348A/B), SSOP10G (RV5C348A/B), TSSOP10G (RT5C348B)
● CMOS process



Similar Part No. - RV5C348A-E2-F

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C348A RICOH-RV5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C348A RICOH-RV5C348A Datasheet
1Mb / 45P
   4-WIRE SERIAL INTERFACE
RV5C348A RICOH-RV5C348A Datasheet
1Mb / 47P
   4-wire Serial Interface
More results

Similar Description - RV5C348A-E2-F

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
R2043K RICOH-R2043K Datasheet
468Kb / 48P
   4-wire Serial Interface
RS5C348A-E2-F RICOH-RS5C348A-E2-F Datasheet
1Mb / 47P
   4-wire Serial Interface
RX5C348A RICOH-RX5C348A Datasheet
1Mb / 45P
   4-WIRE SERIAL INTERFACE
Renesas Technology Corp
Renesas Technology Corp
R1EX24002ASAS0G RENESAS-R1EX24002ASAS0G_15 Datasheet
505Kb / 18P
   Two-wire serial interface Two-wire serial interface
R1EV24002ASAS0A RENESAS-R1EV24002ASAS0A Datasheet
134Kb / 17P
   Two-wire serial interface 2k EEPROM Two-wire serial interface
R1EX24032ASAS0G RENESAS-R1EX24032ASAS0G Datasheet
267Kb / 18P
   Two-wire serial interface
ON Semiconductor
ON Semiconductor
AR0135AT ONSEMI-AR0135AT Datasheet
703Kb / 5P
   Two-wire Serial Interface
January, 2016 ??Rev. 0
RICOH electronics devices division
RICOH electronics devic...
R2045S RICOH-R2045S Datasheet
636Kb / 50P
   4-wire Serial Interface Real Time Clock Module
Epson Company
Epson Company
RX-4045SA EPSON-RX-4045SA Datasheet
49Kb / 3P
   4-wire serial interface high-stability RTC module
RICOH electronics devices division
RICOH electronics devic...
R2043T-E2-F RICOH-R2043T-E2-F Datasheet
868Kb / 52P
   4-wire Serial Interface Real Time Clock IC
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz