Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM27C256-255EC Datasheet (PDF) - Advanced Micro Devices

AM27C256-255EC Datasheet PDF - Advanced Micro Devices
Part # AM27C256-255EC
Download  AM27C256-255EC Download

File Size   90.58 Kbytes
Page   12 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 256 Kilobit (32,768 x 8-Bit) CMOS EPROM

AM27C256-255EC Datasheet (PDF)

Go To PDF Page Download Datasheet
AM27C256-255EC Datasheet PDF - Advanced Micro Devices

Part # AM27C256-255EC
Download  AM27C256-255EC Click to download

File Size   90.58 Kbytes
Page   12 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 256 Kilobit (32,768 x 8-Bit) CMOS EPROM

AM27C256-255EC Datasheet (HTML) - Advanced Micro Devices

Back Button AM27C256-255EC Datasheet HTML 1Page - Advanced Micro Devices AM27C256-255EC Datasheet HTML 2Page - Advanced Micro Devices AM27C256-255EC Datasheet HTML 3Page - Advanced Micro Devices AM27C256-255EC Datasheet HTML 4Page - Advanced Micro Devices AM27C256-255EC Datasheet HTML 5Page - Advanced Micro Devices AM27C256-255EC Datasheet HTML 6Page - Advanced Micro Devices AM27C256-255EC Datasheet HTML 7Page - Advanced Micro Devices AM27C256-255EC Datasheet HTML 8Page - Advanced Micro Devices AM27C256-255EC Datasheet HTML 9Page - Advanced Micro Devices AM27C256-255EC Datasheet HTML 10Page - Advanced Micro Devices Next Button 

AM27C256-255EC Product details

GENERAL DESCRIPTION
The Am27C256 is a 256K-bit ultraviolet erasable programmable read-only memory. It is organized as 32K words by 8 bits per word, operates from a single +5 V supply, has a static standby mode, and features fast single address location programming. Products are available in windowed ceramic DIP packages as well as plastic one time programmable (OTP) PDIP, TSOP, and PLCC packages.
Typically, any byte can be accessed in less than 55 ns, allowing operation with high-performance microprocessors without any WAIT states. The Am27C256 offers separate Output Enable (OE) and Chip Enable (CE) controls, thus eliminating bus contention in a multiple bus microprocessor system.
AMD’s CMOS process technology provides high speed, low power, and high noise immunity. Typical power consumption is only 80 mW in active mode, and 100 µW in standby mode.
All signals are TTL levels, including programming signals. Bit locations may be programmed singly, in blocks, or at random. The Am27C256 supports AMD’s Flashrite programming algorithm (100 µs pulses) resulting in typical programming time of 4 seconds.

DISTINCTIVE CHARACTERISTICS
■ Fast access time
   — 55 ns
■ Low power consumption
   — 20 µA typical CMOS standby current
■ JEDEC-approved pinout
■ Single +5 V power supply
■ ±10% power supply tolerance available
■ 100% Flashrite programming
   — Typical programming time of 4 seconds
■ Latch-up protected to 100 mA from –1 V to VCC + 1 V
■ High noise immunity
■ Versatile features for simple interfacing
   — Both CMOS and TTL input/output compatibility
   — Two line control functions
■ Standard 28-pin DIP, PDIP, 32-pin TSOP and PLCC packages




Similar Part No. - AM27C256-255EC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C256-255DC AMD-AM27C256-255DC Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27C256-255DCB AMD-AM27C256-255DCB Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27C256-255DE AMD-AM27C256-255DE Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27C256-255DEB AMD-AM27C256-255DEB Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27C256-255DI AMD-AM27C256-255DI Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
More results


Similar Description - AM27C256-255EC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AMD27C64 AMD-AMD27C64 Datasheet
88Kb / 11P
   64 Kilobit (8,192 x 8-Bit) CMOS EPROM
logo
National Semiconductor ...
NMC27C32B NSC-NMC27C32B Datasheet
143Kb / 10P
   32,768-Bit (4096 x 8) CMOS EPROM
logo
Fairchild Semiconductor
NMC27C32B FAIRCHILD-NMC27C32B Datasheet
143Kb / 10P
   32,768-Bit (4096 x 8) CMOS EPROM
logo
Advanced Micro Devices
AM27C64 AMD-AM27C64 Datasheet
172Kb / 12P
   64 Kilobit (8 K x 8-Bit) CMOS EPROM
AM27C512 AMD-AM27C512 Datasheet
168Kb / 12P
   512 Kilobit (64 K x 8-Bit) CMOS EPROM
AM27C256 AMD-AM27C256 Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27X256 AMD-AM27X256 Datasheet
139Kb / 10P
   256 Kilobit (32 K x 8-Bit) CMOS ExpressROM Device
AM27C020 AMD-AM27C020 Datasheet
172Kb / 12P
   2 Megabit (256 K x 8-Bit) CMOS EPROM
logo
NEC
UPD43256A NEC-UPD43256A Datasheet
360Kb / 9P
   32,768 X 8-BIT STATIC CMOS RAM
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com