Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR140 Datasheet (PDF) - Guangdong Juxing Electronics Technology Co., Ltd.

SR140 Datasheet PDF - Guangdong Juxing Electronics Technology Co., Ltd.
Part # SR140
Download  SR140 Download

File Size   603.41 Kbytes
Page   2 Pages
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.
Description SCHOTTKY BARRIER RECTIFIERS

SR140 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR140 Datasheet PDF - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SR140
Download  SR140 Click to download

File Size   603.41 Kbytes
Page   2 Pages
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.
Description SCHOTTKY BARRIER RECTIFIERS

SR140 Datasheet (HTML) - Guangdong Juxing Electronics Technology Co., Ltd.

SR140 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SR140 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.

SR140 Product details

FEATURES
• High current capability
• High surge current capability
• Low forward voltage drop
• Exceeds environmental standards of MIL-S-19500/228
• For use in low voltage, high frequency inverters
   free wheeling, and porlarlity protection applications

MECHANICAL DATA
   Case: Molded plastic, DO-41
   method 208 guaranteed
   Polarity: Color band denotes cathode end
   Mounting position: Any
   Weight: 0.012ounce, 0.33gram
   Lead: Axial leads, solderable per MIL-STD-202,
   Epoxy: UL 94V-O rate flame retardant




Similar Part No. - SR140

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR140 WTE-SR140 Datasheet
50Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SR140 DGNJDZ-SR140 Datasheet
318Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Nantong Hornby Electron...
SR140 HORNBY-SR140 Datasheet
225Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR140 RECTRON-SR140 Datasheet
32Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere
logo
SUNMATE electronic Co.,...
SR140 SUNMATE-SR140 Datasheet
189Kb / 2P
   1.0A Axial Leaded Schottky Barrier Diode
More results


Similar Description - SR140

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com