Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS818A-2 Datasheet (PDF) - Holtek Semiconductor Inc

BS818A-2 Datasheet PDF - Holtek Semiconductor Inc
Part # BS818A-2
Download  BS818A-2 Download

File Size   1889.36 Kbytes
Page   27 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Operating voltage: 2.2V~5.5V

BS818A-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
BS818A-2 Datasheet PDF - Holtek Semiconductor Inc

Part # BS818A-2
Download  BS818A-2 Click to download

File Size   1889.36 Kbytes
Page   27 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Operating voltage: 2.2V~5.5V

BS818A-2 Datasheet (HTML) - Holtek Semiconductor Inc

Back Button BS818A-2 Datasheet HTML 1Page - Holtek Semiconductor Inc BS818A-2 Datasheet HTML 2Page - Holtek Semiconductor Inc BS818A-2 Datasheet HTML 3Page - Holtek Semiconductor Inc BS818A-2 Datasheet HTML 4Page - Holtek Semiconductor Inc BS818A-2 Datasheet HTML 5Page - Holtek Semiconductor Inc BS818A-2 Datasheet HTML 6Page - Holtek Semiconductor Inc BS818A-2 Datasheet HTML 7Page - Holtek Semiconductor Inc BS818A-2 Datasheet HTML 8Page - Holtek Semiconductor Inc BS818A-2 Datasheet HTML 9Page - Holtek Semiconductor Inc BS818A-2 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button 



Similar Part No. - BS818A-2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS817 DIODES-BS817 Datasheet
58Kb / 2P
   P-CHANNEL ENHANCEMENT MODE DMOS TRANSISTOR
DS11401 Rev. D-3
More results


Similar Description - BS818A-2

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
HS5338B-D EHAOAN-HS5338B-D Datasheet
1Mb / 8P
   Operating voltage: 2.2v -5.5v
HS5038B-C EHAOAN-HS5038B-C Datasheet
1Mb / 8P
   Operating voltage: 2.2v -5.5v
HS1838T-B-E EHAOAN-HS1838T-B-E Datasheet
1Mb / 8P
   Operating voltage: 2.2v -5.5v
HS1838B-C EHAOAN-HS1838B-C Datasheet
1Mb / 8P
   Operating voltage: 2.7 v -5.5v
logo
Holtek Semiconductor In...
HT7022A HOLTEK-HT7022A Datasheet
165Kb / 12P
   2.2V Voltage Detector
logo
EHAOAN.
HS1538B-C EHAOAN-HS1538B-C Datasheet
1Mb / 8P
   Operating voltage: 2.7 v -5.5v
logo
Maxim Integrated Produc...
MAX20419EVKIT MAXIM-MAX20419EVKIT Datasheet
120Kb / 1P
   3.0V to 5.5V Operating Supply Voltage
MAX20416EVKIT MAXIM-MAX20416EVKIT Datasheet
107Kb / 1P
   3.0V to 5.5V Operating Supply Voltage
MAX20334EVKIT MAXIM-MAX20334EVKIT Datasheet
598Kb / 9P
   2.7V to 5.5V Operating Voltage Range
Rev 0; 4/19
MAX20313EVKIT MAXIM-MAX20313EVKIT Datasheet
797Kb / 7P
   2.5V to 5.5V Operating Voltage Range
Rev 0; 12/16
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com