Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT7321-1 Datasheet (PDF) - Holtek Semiconductor Inc

HT7321-1 Datasheet PDF - Holtek Semiconductor Inc
Part # HT7321-1
Download  HT7321-1 Download

File Size   2565.2 Kbytes
Page   16 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 30V, 250mA TinyPowerTM LDO

HT7321-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT7321-1 Datasheet PDF - Holtek Semiconductor Inc

Part # HT7321-1
Download  HT7321-1 Click to download

File Size   2565.2 Kbytes
Page   16 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 30V, 250mA TinyPowerTM LDO

HT7321-1 Datasheet (HTML) - Holtek Semiconductor Inc




Similar Part No. - HT7321-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7321-2 HOLTEK-HT7321-2 Datasheet
2Mb / 16P
30V, 250mA TinyPowerTM LDO
HT7321-3 HOLTEK-HT7321-3 Datasheet
2Mb / 16P
30V, 250mA TinyPowerTM LDO
HT7321-7 HOLTEK-HT7321-7 Datasheet
2Mb / 19P
30V, 250mA TinyPowerTM LDO with Protections
More results


Similar Description - HT7321-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7321-2 HOLTEK-HT7321-2 Datasheet
2Mb / 16P
30V, 250mA TinyPowerTM LDO
HT7321-3 HOLTEK-HT7321-3 Datasheet
2Mb / 16P
30V, 250mA TinyPowerTM LDO
HT7321-7 HOLTEK-HT7321-7 Datasheet
2Mb / 19P
30V, 250mA TinyPowerTM LDO with Protections
HT7521-7 HOLTEK-HT7521-7 Datasheet
2Mb / 25P
30V, 100mA TinyPowerTM LDO with Protections
HT72XX HOLTEK-HT72XX Datasheet
128Kb / 12P
300mA TinyPowerTM LDO
HT7121-3 HOLTEK-HT7121-3 Datasheet
1Mb / 15P
30mA TinyPowerTM LDO
HT78XX HOLTEK-HT78XX Datasheet
125Kb / 11P
500mA TinyPowerTM LDO
logo
List of Unclassifed Man...
BM9166 ETC1-BM9166 Datasheet
253Kb / 9P
250mA CMOS LDO
logo
Mitsumi Electronics, Co...
MM1886 MITSUMI-MM1886 Datasheet
183Kb / 21P
250mA/300mA LDO
logo
Analog Microelectronics
AME8822 AME-AME8822 Datasheet
217Kb / 18P
High PSRR, 250mA CMOS LDO
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com