Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZNDC-15-2G Datasheet (PDF) - Mini-Circuits

Part No. ZNDC-15-2G
Download   ZNDC-15-2G Click to view
File Size   167.35 Kbytes
Page   1 Pages
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo 
Description Directional Coupler 50Ω 15dB 800 to 2000 MHz

ZNDC-15-2G Datasheet (HTML) - Mini-Circuits


ZNDC-15-2G Datasheet (PDF)

Download Datasheet

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ZNDC-13-2G
Directional Coupler 50Ω 13dB 800 to 2000 MHz 1 Mini-Circuits
ZNDC-18-2G
Directional Coupler 50Ω 18dB 800 to 2000 MHz 1 Mini-Circuits
ZNDC-20-2G
Directional Coupler 50Ω 20dB 800 to 2000 MHz 1 Mini-Circuits
ZNDC-23-2G
Directional Coupler 50Ω 23dB 800 to 2000 MHz 1 Mini-Circuits
ZX30-17-5
Directional Coupler 50Ω 5 to 2000 MHz 1 Mini-Circuits
JYDC-7-1HP
High Power Directional Coupler 50Ω 30 to 500 MHz 1 Mini-Circuits
JYDC-23-1HP
High Power Directional Coupler 50Ω 30 to 500 MHz 1 Mini-Circuits
DBTC-17-5_5L
Surface Mount Directional Couplers 50Ω 50 to 2000 MHz 1 Mini-Circuits
CH20-0058-S
11 dB Directional Coupler 1500 - 2000 MHz 1 Tyco Electronics
VC-24
VCO 800 to 2000 MHz 1 2 3 4 5 MoreFujitsu Component Limited.

Datasheet Page

1 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Datasheet Upload   |  Contact us   |   Privacy Policy   |   Alldatasheet API   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn