![]() |
Electronic Components Datasheet Search |
|
ZNDC-13-2G Datasheet (PDF) - Mini-Circuits |
ZNDC-13-2G Datasheet (HTML) - Mini-Circuits |
ZNDC-13-2G Datasheet (PDF) |
![]() |
Download Datasheet |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
ZNDC-15-2G | Directional Coupler 50Ω 15dB 800 to 2000 MHz | 1 | Mini-Circuits |
ZNDC-18-2G | Directional Coupler 50Ω 18dB 800 to 2000 MHz | 1 | Mini-Circuits |
ZNDC-20-2G | Directional Coupler 50Ω 20dB 800 to 2000 MHz | 1 | Mini-Circuits |
ZNDC-23-2G | Directional Coupler 50Ω 23dB 800 to 2000 MHz | 1 | Mini-Circuits |
ZX30-17-5 | Directional Coupler 50Ω 5 to 2000 MHz | 1 | Mini-Circuits |
JYDC-7-1HP | High Power Directional Coupler 50Ω 30 to 500 MHz | 1 | Mini-Circuits |
JYDC-23-1HP | High Power Directional Coupler 50Ω 30 to 500 MHz | 1 | Mini-Circuits |
DBTC-17-5_5L | Surface Mount Directional Couplers 50Ω 50 to 2000 MHz | 1 | Mini-Circuits |
CH20-0058-S | 11 dB Directional Coupler 1500 - 2000 MHz | 1 | Tyco Electronics |
VC-24 | VCO 800 to 2000 MHz | 1 2 3 4 5 More | Fujitsu Component Limited. |
Datasheet Page |
1 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |