Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK0635DSP Datasheet (PDF) - Renesas Technology Corp

RJK0635DSP Datasheet PDF - Renesas Technology Corp
Part # RJK0635DSP
Download  RJK0635DSP Download

File Size   391.8 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 60V, 3.5A, 98m

RJK0635DSP Datasheet (PDF)

Go To PDF Page Download Datasheet
RJK0635DSP Datasheet PDF - Renesas Technology Corp

Part # RJK0635DSP
Download  RJK0635DSP Click to download

File Size   391.8 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 60V, 3.5A, 98m

RJK0635DSP Datasheet (HTML) - Renesas Technology Corp

RJK0635DSP Datasheet HTML 1Page - Renesas Technology Corp RJK0635DSP Datasheet HTML 2Page - Renesas Technology Corp RJK0635DSP Datasheet HTML 3Page - Renesas Technology Corp RJK0635DSP Datasheet HTML 4Page - Renesas Technology Corp RJK0635DSP Datasheet HTML 5Page - Renesas Technology Corp RJK0635DSP Datasheet HTML 6Page - Renesas Technology Corp RJK0635DSP Datasheet HTML 7Page - Renesas Technology Corp RJK0635DSP Datasheet HTML 8Page - Renesas Technology Corp RJK0635DSP Datasheet HTML 9Page - Renesas Technology Corp



Similar Part No. - RJK0635DSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0630JPE RENESAS-RJK0630JPE Datasheet
121Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK0630JPE RENESAS-RJK0630JPE_15 Datasheet
121Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK0631JPD RENESAS-RJK0631JPD Datasheet
87Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
SHENZHEN DOINGTER SEMIC...
RJK0631JPD DOINGTER-RJK0631JPD Datasheet
2Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Renesas Technology Corp
RJK0631JPD-00-J0 RENESAS-RJK0631JPD-00-J0 Datasheet
87Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results


Similar Description - RJK0635DSP

ManufacturerPart #DatasheetDescription
logo
Rohm
RQ6L035AT ROHM-RQ6L035AT Datasheet
2Mb / 14P
   Pch -60V -3.5A Power MOSFET
RSQ035N06FRA ROHM-RSQ035N06FRA Datasheet
2Mb / 14P
   Nch 60V 3.5A Small Signal MOSFET
RQ5L035GN ROHM-RQ5L035GN Datasheet
2Mb / 14P
   Nch 60V 3.5A Small Signal MOSFET
logo
Fairchild Semiconductor
FDN5632N_F085 FAIRCHILD-FDN5632N_F085 Datasheet
267Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 1.6A, 98m廓
logo
Rohm
RSQ035N06HZG ROHM-RSQ035N06HZG Datasheet
2Mb / 15P
   Nch 60V 3.5A Small Signal MOSFET
logo
Intersil Corporation
HIP0061 INTERSIL-HIP0061 Datasheet
60Kb / 9P
   60V, 3.5A, 3-Transistor Common Source ESD Protected Power MOSFET Array
logo
Renesas Technology Corp
HIP0061 RENESAS-HIP0061 Datasheet
538Kb / 10P
   60V, 3.5A, 3-Transistor Common Source ESD Protected Power MOSFET Array
December 1997
logo
Intersil Corporation
HUF76407DK8 INTERSIL-HUF76407DK8 Datasheet
375Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76407DK8 FAIRCHILD-HUF76407DK8 Datasheet
262Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
HUFA76407DK8T FAIRCHILD-HUFA76407DK8T_10 Datasheet
548Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET짰 Power MOSFET
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com