Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SCLF-44 Datasheet (PDF) - Mini-Circuits

SCLF-44 Datasheet PDF - Mini-Circuits
Part No. SCLF-44
Download   SCLF-44 Click to view
File Size   177.79 Kbytes
Page   1 Pages
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Low Pass Filters 50Ω DC to 865 MHz

SCLF-44 Datasheet (HTML) - Mini-Circuits

SCLF-44 Datasheet HTML 1Page - Mini-Circuits

SCLF-44 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCLF-44 Datasheet PDF - Mini-Circuits

Part No. SCLF-44
Download   SCLF-44 Click to view
File Size   177.79 Kbytes
Page   1 Pages
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Low Pass Filters 50Ω DC to 865 MHz

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
VLP-SERIES
Low Pass Filters DC to 5400 MHz 1 2 Mini-Circuits
ZX60-3011
Low Noise Amplifier 50Ω 400 to 3000 MHz 1 2 Mini-Circuits
VLF-2600
Coaxial Low Pass Filter DC to 2600 MHz 1 Mini-Circuits
VLFX-650
Low Pass Filter DC to 650 MHz 40 dB Isolation up to 20 GHz 1 Mini-Circuits
VLF-530
Coaxial Low Pass Filter DC to 530 MHz 1 Mini-Circuits
VLF-2750
Low Pass Filter DC to 2750 MHz 1 Mini-Circuits
VLFX-780
Low Pass Filter DC to 780 MHz 40 dB Isolation up to 20 GHz 1 Mini-Circuits
VLF-575
Low Pass Filter DC to 575 MHz 1 Mini-Circuits
VLF-2850
Coaxial Low Pass Filter DC to 2850 MHz 1 Mini-Circuits
VLFX-825
Low Pass Filter DC to 825 MHz 40 dB Isolation up to 20 GHz 1 Mini-Circuits

Datasheet Page

1 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Datasheet Upload   |  Contact us   |   Privacy Policy   |   Alldatasheet API   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn