Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM-SM50 Datasheet (PDF) - Mini-Circuits

SM-SM50 Datasheet PDF - Mini-Circuits
Part # SM-SM50
Download  SM-SM50 Download
File Size   49.2 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Adapter, SMA-M to SMA-M 50W DC to 18 GHz

SM-SM50 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM-SM50 Datasheet PDF - Mini-Circuits

Part # SM-SM50
Download  SM-SM50 Click to download

File Size   49.2 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Adapter, SMA-M to SMA-M 50W DC to 18 GHz

SM-SM50 Datasheet (HTML) - Mini-Circuits


SM-SM50 Product details

Adapter, SMA-M to SMA-M 50ΩDC to 18 GHz



Features

• flat response

• excellent VSWR, 1.10: typ. up to 12.4 GHz and 1.15:1 typ. up to 18 GHz

• low cost adapters, available from stock

• rugged stainless steel body, gold plated



Applications

• interconnection of RF cables and equipment




Similar Part No. - SM-SM50

ManufacturerPart #DatasheetDescription
logo
Sanyou Corporation Limi...
SM-S-105DFP1-B SANYOU-SM-S-105DFP1-B Datasheet
301Kb / 3P
Miniature High Power Relay
SM-S-105DFP1-F SANYOU-SM-S-105DFP1-F Datasheet
301Kb / 3P
Miniature High Power Relay
SM-S-105DFP2-B SANYOU-SM-S-105DFP2-B Datasheet
301Kb / 3P
Miniature High Power Relay
SM-S-105DFP2-F SANYOU-SM-S-105DFP2-F Datasheet
301Kb / 3P
Miniature High Power Relay
SM-S-105DMP1-B SANYOU-SM-S-105DMP1-B Datasheet
301Kb / 3P
Miniature High Power Relay
More results


Similar Description - SM-SM50

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SF-SF50 MINI-SF-SF50 Datasheet
49Kb / 1P
Adapter, SMA-F to SMA-F 50W DC to 18 GHz
SF-SM50 MINI-SF-SM50 Datasheet
47Kb / 1P
Adapters, SMA-F to SMA-M 50W, DC to 18 GHz
SF-MQK50 MINI-SF-MQK50 Datasheet
215Kb / 1P
SMA-F to SMA-M
logo
Winchester Electronics ...
SD879-2-1 WINCHESTER-SD879-2-1 Datasheet
51Kb / 1P
SMA ADAPTER (M-M)
SD879-7-15 WINCHESTER-SD879-7-15 Datasheet
56Kb / 1P
ADAPTER TNC (F) TO SMA (M)
logo
Pasternack Enterprises,...
PE9014 PASTERNACK-PE9014 Datasheet
260Kb / 3P
Precision SMA Male to SMA Female Bulkhead Adapter 18 Ghz
PE9695 PASTERNACK-PE9695 Datasheet
368Kb / 4P
Precision SMA Female to SMA Female Adapter, 18 Ghz
logo
Mini-Circuits
SMPF-SM50 MINI-SMPF-SM50 Datasheet
206Kb / 2P
Adapter SMP-F to SMA-M
BLK-18W MINI-BLK-18W Datasheet
170Kb / 1P
DC Block SMA-M to SMA-F
logo
Samtec, Inc
SMA SAMTEC-SMA Datasheet
286Kb / 1P
SMA TO 18 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com