Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5050710101 Datasheet (PDF) - Molex Electronics Ltd.

5050710101 Datasheet PDF - Molex Electronics Ltd.
Part # 5050710101
Download  5050710101 Download
File Size   41.89 Kbytes
Page   2 Pages
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.
Description TermiMate PCB Plug Terminal, 1.20mm Mated Height

5050710101 Datasheet (PDF)

Go To PDF Page Download Datasheet
5050710101 Datasheet PDF - Molex Electronics Ltd.

Part # 5050710101
Download  5050710101 Click to download

File Size   41.89 Kbytes
Page   2 Pages
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.
Description TermiMate PCB Plug Terminal, 1.20mm Mated Height

5050710101 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 5050710101

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
505070-0622 MOLEX-505070-0622 Datasheet
336Kb / 5P
0.35 BB CONN. H=0.6 SSB6 RP PLUG ASSY
2019/02/27
505070-0822 MOLEX-505070-0822 Datasheet
336Kb / 5P
0.35 BB CONN. H=0.6 SSB6 RP PLUG ASSY
2019/02/27
505070-1022 MOLEX-505070-1022 Datasheet
336Kb / 5P
0.35 BB CONN. H=0.6 SSB6 RP PLUG ASSY
2019/02/27
505070-1222 MOLEX-505070-1222 Datasheet
336Kb / 5P
0.35 BB CONN. H=0.6 SSB6 RP PLUG ASSY
2019/02/27
505070-1422 MOLEX-505070-1422 Datasheet
336Kb / 5P
0.35 BB CONN. H=0.6 SSB6 RP PLUG ASSY
2019/02/27
More results


Similar Description - 5050710101

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5050720101 MOLEX1-5050720101 Datasheet
45Kb / 2P
TermiMate PCB Receptacle Terminal, 1.20mm Mated Height
5050731100 MOLEX1-5050731100 Datasheet
44Kb / 1P
TermiMate Crimp Terminal Receptacle, 1.20mm Mated Height
0638245810 MOLEX11-0638245810 Datasheet
44Kb / 1P
Unlatching Tool for TermiMate 505071 Plug Terminal for removal of TermiMate
0638245010 MOLEX11-0638245010 Datasheet
42Kb / 1P
Unlatching Tool for TermiMate 505071 Plug Terminal for removal of TermiMate
5781406000 MOLEX-5781406000 Datasheet
35Kb / 1P
Terminal Extraction Jig for TermiMate Wire-to-Board Terminal-Style Connector System
08/25/2022
5781406100 MOLEX-5781406100 Datasheet
37Kb / 1P
Terminal Extraction Jig for TermiMate Board-to-Board Terminal-Style Connector System
08/25/2022
2049280401 MOLEX-2049280401 Datasheet
40Kb / 2P
SlimStack Board-to-Board Plug, 0.40mm Pitch, FSB3 Floating Series, 3.00mm Mated Height, 3.20 Mated Width, 40 Circuits
2049280201 MOLEX-2049280201 Datasheet
40Kb / 2P
SlimStack Board-to-Board Plug, 0.40mm Pitch, FSB3 Floating Series, 3.00mm Mated Height, 3.20 Mated Width, 20 Circuits
2049280601 MOLEX-2049280601 Datasheet
40Kb / 2P
SlimStack Board-to-Board Plug, 0.40mm Pitch, FSB3 Floating Series, 3.00mm Mated Height, 3.20 Mated Width, 60 Circuits
2049280301 MOLEX-2049280301 Datasheet
40Kb / 2P
SlimStack Board-to-Board Plug, 0.40mm Pitch, FSB3 Floating Series, 3.00mm Mated Height, 3.20 Mated Width, 30 Circuits
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com