Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T591D226M025ATE060 Datasheet (PDF) - Kemet Corporation

T591D226M025ATE060 Datasheet PDF - Kemet Corporation
Part # T591D226M025ATE060
Download  T591D226M025ATE060 Download

File Size   77.37 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Tantalum, Polymer Tantalum, T591, 22 uF, 20%, 25 V, 7343, SMD, Polymer, Molded, Low ESR, 60 mOhms, 3.1mm

T591D226M025ATE060 Datasheet (PDF)

Go To PDF Page Download Datasheet
T591D226M025ATE060 Datasheet PDF - Kemet Corporation

Part # T591D226M025ATE060
Download  T591D226M025ATE060 Click to download

File Size   77.37 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Tantalum, Polymer Tantalum, T591, 22 uF, 20%, 25 V, 7343, SMD, Polymer, Molded, Low ESR, 60 mOhms, 3.1mm

T591D226M025ATE060 Datasheet (HTML) - Kemet Corporation

T591D226M025ATE060 Datasheet HTML 1Page - Kemet Corporation

T591D226M025ATE060 Product details

Overview
The KEMET Organic Capacitor (KO-CAP) is a solid electrolytic capacitor with a conductive polymer cathode capable of delivering very low ESR and improved capacitance retention at high frequencies. KO-CAP combines the low ESR of multilayer ceramic, the high capacitance of aluminum electrolytic and the volumetric efficiency of tantalum into a single surface mount package. Unlike liquid electrolyte-based capacitors, KO-CAP has a very long operational life and high ripple current capabilities.

Benefits
• Ultra-low ESR
• Full compliance with AEC–Q200 Qualification Test Plan (T598)
• Qualification plan based on AEC–Q200 with 85°C/85% RH load specification limited to 500 hours (T591)
• TS 16949 certified plant
• Subject to PPAP/PSW and Change Control
• Meets or exceeds EIA standard 535BAAC
• Taped and reeled per EIA 481
• Halogen-free epoxy/RoHS compliant

Applications
    Typical applications include decoupling and filtering in a variety of market segments, with special emphasis in automotive applications such as infotainment and input/output in DC/DC converters where harsh conditions such as high humidity and temperature are a concern.




Similar Part No. - T591D226M025ATE060

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T591D226M025ATE060 KEMET-T591D226M025ATE060 Datasheet
1Mb / 19P
   T591/T598 High Humidity/High Temperature Automotive Grade Polymer Electrolytic, 2.5 - 50 VDC
More results


Similar Description - T591D226M025ATE060

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T591D107M010ATE025 KEMET-T591D107M010ATE025_17 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T591, 100 uF, 20%, 10 V, 7343, SMD, Polymer, Molded, Low ESR, 25 mOhms, Height Max = 3.1mm
T591D686M020ATE050 KEMET-T591D686M020ATE050 Datasheet
75Kb / 1P
   T591, Tantalum, Polymer Tantalum, 68 uF, 20%, 20 VDC, SMD, Polymer, Molded, Low ESR, 50 mOhms, 7343, Height Max = 3.1mm
T591D686M020ATE040 KEMET-T591D686M020ATE040 Datasheet
75Kb / 1P
   T591, Tantalum, Polymer Tantalum, 68 uF, 20%, 20 VDC, SMD, Polymer, Molded, Low ESR, 40 mOhms, 7343, Height Max = 3.1mm
T591V227M2R5ATE009 KEMET-T591V227M2R5ATE009 Datasheet
67Kb / 1P
   Tantalum, Polymer Tantalum, T591, 220 uF, 20%, 2.5 V, 7343, SMD, Polymer, Molded, Low ESR, 9 mOhms, 2mm
T591D687M2R5ATE009 KEMET-T591D687M2R5ATE009 Datasheet
460Kb / 4P
   T591, Tantalum, Polymer Tantalum, 680 uF, 20%, 2.5 VDC, SMD, Polymer, Molded, Low ESR, 9 mOhms, 7343, Height Max = 3.1mm
4/18/2023
T591D475M075ATE200 KEMET-T591D475M075ATE200 Datasheet
70Kb / 1P
   T591, Tantalum, Polymer Tantalum, 4.7 uF, 20%, 75 VDC, SMD, Polymer, Molded, Low ESR, 200 mOhms, 7343, Height Max = 3.1mm
3/01/2022
T591D477M2R5ATE006 KEMET-T591D477M2R5ATE006 Datasheet
77Kb / 1P
   T591, Tantalum, Polymer Tantalum, 470 uF, 20%, 2.5 VDC, SMD, Polymer, Molded, Low ESR, 6 mOhms, 7343, Height Max = 3.1mm
T520D227M010ATE025 KEMET-T520D227M010ATE025 Datasheet
76Kb / 1P
   Tantalum, Polymer Tantalum, T520, 220 uF, 20%, 10 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, 3.1mm
T525D157M006ATE025 KEMET-T525D157M006ATE025 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T525, 150 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, 3.1mm
T598D336M025ATE060 KEMET-T598D336M025ATE060 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T598, 33 uF, 20%, 25 V, 7343, SMD, Polymer, Molded, Low ESR, AEC-Q200, 60 mOhms, Height Max= 3.1mm
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com