Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSR144 Datasheet (PDF) - Vishay Siliconix

VSR144 Datasheet PDF - Vishay Siliconix
Part # VSR144
Download  VSR144 Download
File Size   40.07 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Bulk Metal® Foil Technology Industrial Grade Miniature Voltage Divider

VSR144 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSR144 Datasheet PDF - Vishay Siliconix

Part # VSR144
Download  VSR144 Click to download

File Size   40.07 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Bulk Metal® Foil Technology Industrial Grade Miniature Voltage Divider

VSR144 Datasheet (HTML) - Vishay Siliconix


VSR144 Product details

• Temperature Coefficient of Resistance:
Nominal TCR: ± 4ppm/°C (0° to 60°C)
• TCR Tracking: 1.5ppm/°C
• Ratio Stability: < ± 0.001% (10ppm) under load-life
conditions
• Ratio Tolerance: to ± 0.02%




Similar Part No. - VSR144

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSR144 VISHAY-VSR144 Datasheet
109Kb / 4P
Bulk Metal Foil Technology Industrial Grade Miniature Voltage Divider
Revision: 28-Jun-07
VSR144 VISHAY-VSR144_07 Datasheet
109Kb / 4P
Bulk Metal Foil Technology Industrial Grade Miniature Voltage Divider
Revision: 28-Jun-07
More results


Similar Description - VSR144

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
300190-9 VISHAY-300190-9 Datasheet
123Kb / 4P
Bulk Metal Foil Technology Molded Resistor Networks
Revision 18-Aug-04
VSMD1505 VISHAY-VSMD1505 Datasheet
71Kb / 2P
Bulk Metal Foil Technology Miniature, Ultimate Tracking Surface Mount Divider
Revision 24-Oct-02
VHZ VISHAY-VHZ Datasheet
172Kb / 5P
Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 12-Dec-05
1419 VISHAY-1419 Datasheet
111Kb / 2P
Bulk Metal® Foil Technology 10 Pin Transistor Outline Hermetic Resistor Network
Revision 08-Mar-05
1442 VISHAY-1442_05 Datasheet
173Kb / 3P
Bulk Metal® Foil Technology Dual-In-Line Hermetic Resistor Networks
Revision 08-Mar-05
VSR144 VISHAY-VSR144_07 Datasheet
109Kb / 4P
Bulk Metal Foil Technology Industrial Grade Miniature Voltage Divider
Revision: 28-Jun-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
DSMZ VISHAY-DSMZ Datasheet
161Kb / 5P
Ultra High Precision Bulk Metal® Z-Foil Surface Mount Voltage Divider
Revision: 06-Aug-07
VHHERMETIC VISHAY-VHHERMETIC Datasheet
130Kb / 5P
Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 02-Mar-05
1260 VISHAY-1260_10 Datasheet
362Kb / 5P
Bulk Metal® Foil Ultra High Technology Precision Trimming Potentiometers
Revision: 24-Mar-10
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com