Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES636 Datasheet (PDF) - Cyrustek corporation

ES636 Datasheet PDF - Cyrustek corporation
Part # ES636
Download  ES636 Download

File Size   227.38 Kbytes
Page   13 Pages
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation
Description True RMS-to-DC Converters

ES636 Datasheet (PDF)

Go To PDF Page Download Datasheet
ES636 Datasheet PDF - Cyrustek corporation

Part # ES636
Download  ES636 Click to download

File Size   227.38 Kbytes
Page   13 Pages
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation
Description True RMS-to-DC Converters

ES636 Datasheet (HTML) - Cyrustek corporation


ES636 Product details

Description
The ES636 is a true RMS-to-DC converter. It accepts low-level input signals from 0 to 400 mV RMS complex input waveforms. It can be operated form either a single supply or dual supplies. The device draws less than 1 mA of quiescent supply current, furthermore, an enable pin is provided to turn-off the device, making it ideal for battery-powered applications.

Features
• True RMS-to-DC Conversion
• Computes RMS of AC and DC Signals
• Wide Response:
    * 1MHz Bandwidth for VRMS > 100mV
• Auxiliary dB Output:
    * 50dB Range
• Single-or Dual-Supply Operation
• Low Cost
• Power-Down Function
• Low Power: 800μ A typical

Application
* Digital Multi-Meters
* Battery-Powered Instruments
* Panel Meter




Similar Part No. - ES636

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES636 CYRUSTEK-ES636 Datasheet
283Kb / 13P
True RMS-to-DC Converters
ES636 CYRUSTEK-ES636_09 Datasheet
283Kb / 13P
True RMS-to-DC Converters
More results


Similar Description - ES636

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES737 CYRUSTEK-ES737 Datasheet
703Kb / 10P
True RMS-to-DC Converters
ES736 CYRUSTEK-ES736 Datasheet
509Kb / 9P
True RMS-to-DC Converters
ES636 CYRUSTEK-ES636_09 Datasheet
283Kb / 13P
True RMS-to-DC Converters
ES7 CYRUSTEK-ES7 Datasheet
920Kb / 10P
True RMS-to-DC Converters
logo
Maxim Integrated Produc...
MX536A MAXIM-MX536A Datasheet
123Kb / 12P
True RMS-to-DC Converters
Rev 2; 3/96
MX536AJEWE MAXIM-MX536AJEWE Datasheet
149Kb / 12P
True RMS-to-DC Converters
Rev 2; 3/96
logo
Analog Devices
SSM2110 AD-SSM2110_15 Datasheet
3Mb / 11P
TRUE RMS TO DC CONVERTER
logo
Cyrustek corporation
ES5 CYRUSTEK-ES5 Datasheet
471Kb / 8P
True RMS-to-DC Converter
logo
National Semiconductor ...
LH0091 NSC-LH0091 Datasheet
126Kb / 6P
LH0091 True RMS to DC Converter
logo
Analog Devices
AD536A AD-AD536A_15 Datasheet
419Kb / 15P
Integrated Circuit True RMS-to-DC Converter
Rev. F
More results




About Cyrustek corporation


Cyrustek Corporation is a semiconductor company based in Taiwan. The company specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs) for a wide range of applications, including automotive electronics, industrial automation, medical equipment, and consumer electronics.

Some of Cyrustek's products include analog-to-digital converters (ADCs), digital-to-analog converters (DACs), voltage regulators, operational amplifiers (op-amps), and sensor interface ICs. The company also offers custom IC design services to meet specific customer requirements.

Cyrustek was founded in 1992 and has since become a leading supplier of analog and mixed-signal ICs to customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com