Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1005JB0J684K Datasheet (PDF) - TDK Electronics

C1005JB0J684K Datasheet PDF - TDK Electronics
Part # C1005JB0J684K
Download  C1005JB0J684K Download

File Size   101.5 Kbytes
Page   15 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description General Multilayer Ceramic Chip Capacitors C Series

C1005JB0J684K Datasheet (PDF)

Go To PDF Page Download Datasheet
C1005JB0J684K Datasheet PDF - TDK Electronics

Part # C1005JB0J684K
Download  C1005JB0J684K Click to download

File Size   101.5 Kbytes
Page   15 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description General Multilayer Ceramic Chip Capacitors C Series

C1005JB0J684K Datasheet (HTML) - TDK Electronics

Back Button C1005JB0J684K Datasheet HTML 1Page - TDK Electronics C1005JB0J684K Datasheet HTML 2Page - TDK Electronics C1005JB0J684K Datasheet HTML 3Page - TDK Electronics C1005JB0J684K Datasheet HTML 4Page - TDK Electronics C1005JB0J684K Datasheet HTML 5Page - TDK Electronics C1005JB0J684K Datasheet HTML 6Page - TDK Electronics C1005JB0J684K Datasheet HTML 7Page - TDK Electronics C1005JB0J684K Datasheet HTML 8Page - TDK Electronics C1005JB0J684K Datasheet HTML 9Page - TDK Electronics C1005JB0J684K Datasheet HTML 10Page - TDK Electronics Next Button 

C1005JB0J684K Product details

FEATURES

• High capacitance has been achieved through precision technologies that enable the use of multiple thinner ceramic dielectric layers.

• A monolithic structure ensures superior mechanical strength and reliability.

• High-accuracy automatic mounting is facilitated through the maintenance of very precise dimensional tolerances.

• Composed of only ceramics and metals, these capacitors provide extremely dependable performance, exhibiting virtually no degradation even when subjected to temperature extremes.

• Low stray capacitance ensures high conformity with nominal values, thereby simplifying the circuit design process.

• Low residual inductance assures superior frequency characteristics.

• Because electrostatic capacity has been obtained up to the electrolytic capacitor range, these capacitors offer long service life and are optimally suited for power supply designs that require high levels of reliability.

• Owing to their low ESR and excellent frequency characteristics, these products are optimally suited for high frequency and high density type power supplies.



 




Similar Part No. - C1005JB0J684K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1005JB0J105K050BB TDK-C1005JB0J105K050BB Datasheet
138Kb / 1P
   Commercial Grade ( General (Up to 50V) )
logo
Analog Devices
C1005JB0J105KT AD-C1005JB0J105KT Datasheet
993Kb / 28P
   Dual 3 MHz, 1200 mA Buck
REV. A
C1005JB0J105KT AD-C1005JB0J105KT Datasheet
3Mb / 40P
   Micro PMU with 1.2 A Buck Regulator
REV. 0
C1005JB0J105KT AD-C1005JB0J105KT Datasheet
758Kb / 28P
   Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
REV. D
logo
TDK Electronics
C1005JB0J105M050BB TDK-C1005JB0J105M050BB Datasheet
138Kb / 1P
   Commercial Grade ( General (Up to 50V) )
More results


Similar Description - C1005JB0J684K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216X5R1A475K TDK-C3216X5R1A475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
logo
Murata Manufacturing Co...
C02E MURATA1-C02E_V01 Datasheet
4Mb / 89P
   Chip Multilayer Ceramic Capacitors for General
Nov.27,2017
logo
TDK Electronics
C3216X7R1E475K TDK-C3216X7R1E475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C3216X7R1C474K TDK-C3216X7R1C474K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2AR60BA01 MURATA-GRM0335C2AR60BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1857U1H332JA44 MURATA-GRM1857U1H332JA44 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1882C1H102JA01 MURATA-GRM1882C1H102JA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J330JWA1 MURATA-GRM21A5C2J330JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2E181JW01 MURATA-GRM21A5C2E181JW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com