Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A276308 Datasheet (PDF) - AMIC Technology

A276308 Datasheet PDF - AMIC Technology
Part # A276308
Download  A276308 Download
File Size   127.76 Kbytes
Page   15 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 64K X 8 OTP CMOS EPROM

A276308 Datasheet (PDF)

Go To PDF Page Download Datasheet
A276308 Datasheet PDF - AMIC Technology

Part # A276308
Download  A276308 Click to download

File Size   127.76 Kbytes
Page   15 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 64K X 8 OTP CMOS EPROM

A276308 Datasheet (HTML) - AMIC Technology


A276308 Product details

General Description

The A276308 chip is a high-performance 524,288 bit one-time programmable read only memory (OTP EPROM) organized as 64K by 8 bits. The A276308 requires only 5V power supply in normal read mode operation and any input signals are TTL levels. The A276308 is available in industry standard 28 pin dual-in line and 32 lead PLCC packages.



Features

■ 65,536 X 8 bit organization

■ All inputs and outputs are directly TTL-compatible

■ Programming voltage: 12.75V

■ Available in 28-pin DIP/SOP and 32-PLCC packages

■ Access time: 55/70/90 ns (max.)

■ Current: Operating: 30mA (max.) at 5MHz

               Standby: 100mA (max.)



 




Similar Part No. - A276308

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A27 DBLECTRO-A27 Datasheet
269Kb / 1P
SCSI - III D - SUB IDC (FEMALE)
logo
Tyco Electronics
A27 MACOM-A27 Datasheet
351Kb / 2P
Cascadable Amplifier 10 to 1500 MHz
logo
M/A-COM Technology Solu...
A27 MA-COM-A27 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1500 MHz
logo
List of Unclassifed Man...
A27 ETC2-A27 Datasheet
213Kb / 7P
Process Sealed Subminiature Toggles
logo
M/A-COM Technology Solu...
A27 MA-COM-A27 Datasheet
627Kb / 3P
Cascadable Amplifier 10 to 1500 MHz
More results


Similar Description - A276308

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A27020 AMICC-A27020 Datasheet
170Kb / 14P
256K X 8 OTP CMOS EPROM
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
512K 64K x 8 OTP CMOS EPROM
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
512K 64K x 8 Low Voltage OTP CMOS EPROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
64K (8K x 8) CMOS EPROM
2004
logo
AMIC Technology
A27020A AMICC-A27020A Datasheet
175Kb / 14P
256K X 8 OTP CMOS EPROM
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
512K (64K x 8-Bit) OTP EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
512K (64K x 8) CMOS EPROM
2004
logo
Holtek Semiconductor In...
HT25LC512 HOLTEK-HT25LC512_04 Datasheet
175Kb / 11P
CMOS 64K x 8-Bit SPI Serial OTP EPROM
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
512K (64K x 8) OTP EPROM
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
256K X 8 OTP CMOS EPROM
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com