Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAPGM0071-DIE Datasheet (PDF) - Tyco Electronics

MAAPGM0071-DIE Datasheet PDF - Tyco Electronics
Part # MAAPGM0071-DIE
Download  MAAPGM0071-DIE Download

File Size   388.39 Kbytes
Page   8 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1.6 Watt Saturated Output Power Level

MAAPGM0071-DIE Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAPGM0071-DIE Datasheet PDF - Tyco Electronics

Part # MAAPGM0071-DIE
Download  MAAPGM0071-DIE Click to download

File Size   388.39 Kbytes
Page   8 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1.6 Watt Saturated Output Power Level

MAAPGM0071-DIE Datasheet (HTML) - Tyco Electronics

MAAPGM0071-DIE Datasheet HTML 1Page - Tyco Electronics MAAPGM0071-DIE Datasheet HTML 2Page - Tyco Electronics MAAPGM0071-DIE Datasheet HTML 3Page - Tyco Electronics MAAPGM0071-DIE Datasheet HTML 4Page - Tyco Electronics MAAPGM0071-DIE Datasheet HTML 5Page - Tyco Electronics MAAPGM0071-DIE Datasheet HTML 6Page - Tyco Electronics MAAPGM0071-DIE Datasheet HTML 7Page - Tyco Electronics MAAPGM0071-DIE Datasheet HTML 8Page - Tyco Electronics

MAAPGM0071-DIE Product details

Description
The MAAP-000071-PKG0003 is a 4-stage 1.6 W power amplifier with on-chip bias networks in a 20 lead MLP package, allowing easy assembly. This product is fully matched to 50 ohms on both the input and output. It can be used as a power amplifier stage or as a driver stage in high power applications.
Each device is 100% RF tested to ensure performance compliance. The part is fabricated using M/A-COM’s GaAs Multifunction SelfAligned Gate (MSAG) Process.
M/A-COM’s MSAG™ process features robust silicon-like manufacturing processes, planar processing of ion implanted transistors and multiple implant capability enabling power, low-noise, switch and digital FETs on a single chip. The use of refractory metals and the absence of platinum in the gate metal formulation prevents hydrogen poisoning when employed in hermetic packaging.

Features
♦ 1.6 Watt Saturated Output Power Level
♦ Variable Drain Voltage (6-10V) Operation
♦ MSAG™ Process

Primary Applications
♦ Point-to-Point Radios
   ♦ 13 and 15 GHz Bands




Similar Part No. - MAAPGM0071-DIE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0071 MACOM-MAAPGM0071 Datasheet
202Kb / 4P
   Amplifier, Power, 1.6W 12.75-15.35 GHz
More results


Similar Description - MAAPGM0071-DIE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0072-DIE MACOM-MAAPGM0072-DIE Datasheet
307Kb / 8P
   1 Watt Saturated Output Power Level
logo
National Semiconductor ...
LM4901 NSC-LM4901 Datasheet
1Mb / 24P
   1.6 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
logo
Texas Instruments
LM4901MMX TI-LM4901MMX Datasheet
1Mb / 25P
[Old version datasheet]   1.6 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
logo
Recom International Pow...
RAC15-K-480 RECOM-RAC15-K-480 Datasheet
2Mb / 6P
   15 Watt 2 x 1.6 Single Output
REV.: 0/2022
RELI-DA01-R RECOM-RELI-DA01-R Datasheet
124Kb / 4P
   1.6 Watt DALIConverter
logo
Analog Devices
HMC453ST89 AD-HMC453ST89 Datasheet
1Mb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER
HMC453QS16G AD-HMC453QS16G Datasheet
1Mb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER
logo
Fairchild Semiconductor
RMPA39200 FAIRCHILD-RMPA39200 Datasheet
236Kb / 8P
   37-40 GHz 1.6 Watt Power Amplifier MMIC
logo
M/A-COM Technology Solu...
XP1043 MA-COM-XP1043 Datasheet
851Kb / 7P
   32 dBm Saturated RF Power
logo
Wall Industries,Inc.
LANEH WALL-LANEH_16 Datasheet
381Kb / 6P
   1 Watt Output Power
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com