Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L17RRD1F01100 Datasheet (PDF) - Amphenol Corporation

L17RRD1F01100 Datasheet PDF - Amphenol Corporation
Part # L17RRD1F01100
Download  L17RRD1F01100 Download
File Size   114.25 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description 10 milli-ohms max. mated

L17RRD1F01100 Datasheet (PDF)

Go To PDF Page Download Datasheet
L17RRD1F01100 Datasheet PDF - Amphenol Corporation

Part # L17RRD1F01100
Download  L17RRD1F01100 Click to download

File Size   114.25 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description 10 milli-ohms max. mated

L17RRD1F01100 Datasheet (HTML) - Amphenol Corporation




Similar Part No. - L17RRD1F01100

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
L17RRD1F11400 AMPHENOL-L17RRD1F11400 Datasheet
1Mb / 8P
REAR RELEASE CRIMP CONNECTORS
More results


Similar Description - L17RRD1F01100

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P021301 E-SWITCH-P021301 Datasheet
75Kb / 1P
TL3340AF160QG - RATING: 12VDC, 50mA, CONTACT RESISTANCE: 500 MILLI OHMS MAX ,
logo
Molex Electronics Ltd.
0734200210 MOLEX11-0734200210 Datasheet
52Kb / 1P
50 Ohms, SMP-MAX Female to 50 Ohms, SMP-MAX Male Bullet,
logo
E-SWITCH
EG1218 E-SWITCH-EG1218 Datasheet
40Kb / 1P
CONTACT RESISTANCE: 50MILLI-OHMS Max
logo
CUI INC
PJ-063BH CUI-PJ-063BH Datasheet
22Kb / 1P
CONTACT RESISTANCE: 50m OHMS MAX
PJ-035C CUI-PJ-035C Datasheet
237Kb / 1P
CONTACT RESISTANCE : 50m OHMS MAX
PJ-035CH CUI-PJ-035CH Datasheet
237Kb / 1P
CONTACT RESISTANCE: 50m OHMS MAX
logo
Molex Electronics Ltd.
0734200380 MOLEX11-0734200380 Datasheet
52Kb / 1P
50 Ohms, SMP-MAX Female to 50 Ohms, SMP-MAX Male Bullet Adapter
logo
Kemet Corporation
T491A105K010AT KEMET-T491A105K010AT Datasheet
80Kb / 1P
Tantalum, MnO2 Tantalum, T491, 1 uF, 10%, 10 V, 3216, SMD, MnO2, Molded, 10 Ohms, Height Max = 1.8mm
T491C106K010AT KEMET-T491C106K010AT Datasheet
80Kb / 1P
Tantalum, MnO2 Tantalum, T491, 10 uF, 10%, 10 V, 6032, SMD, MnO2, Molded, 1.8 Ohms, Height Max = 2.8mm
T491B106K010AT KEMET-T491B106K010AT Datasheet
80Kb / 1P
Tantalum, MnO2 Tantalum, T491, 10 uF, 10%, 10 V, 3528, SMD, MnO2, Molded, 3 Ohms, Height Max = 2.1mm
More results




About Amphenol Corporation


Amphenol Corporation is a global manufacturer of interconnect products, including connectors and cable assemblies, for various markets such as telecommunications, industrial, automotive, military, aerospace and medical.

The company was founded in 1932 and is headquartered in Wallingford, Connecticut.

Amphenol has a broad product portfolio that includes circular, rectangular, fiber optic, and high-speed interconnects, as well as coaxial and specialty cable assemblies.

The company's products are used in a wide range of applications, from smartphones and laptops to aircraft, automobiles, and military systems.

With operations and facilities in over 60 countries, Amphenol has a strong global presence in the interconnect solutions market.

The company is known for its innovation and technology leadership, as well as its commitment to quality and customer service.

Amphenol has been recognized as one of the world's most ethical companies and has a long-standing reputation for responsible business practices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com