Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9K1208U0A-YCB0 Datasheet (PDF) - Samsung semiconductor

K9K1208U0A-YCB0 Datasheet PDF - Samsung semiconductor
Part # K9K1208U0A-YCB0
Download  K9K1208U0A-YCB0 Download

File Size   357.3 Kbytes
Page   27 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 64M x 8 Bit NAND Flash Memory

K9K1208U0A-YCB0 Datasheet (PDF)

Go To PDF Page Download Datasheet
K9K1208U0A-YCB0 Datasheet PDF - Samsung semiconductor

Part # K9K1208U0A-YCB0
Download  K9K1208U0A-YCB0 Click to download

File Size   357.3 Kbytes
Page   27 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 64M x 8 Bit NAND Flash Memory

K9K1208U0A-YCB0 Datasheet (HTML) - Samsung semiconductor

Back Button K9K1208U0A-YCB0 Datasheet HTML 1Page - Samsung semiconductor K9K1208U0A-YCB0 Datasheet HTML 2Page - Samsung semiconductor K9K1208U0A-YCB0 Datasheet HTML 3Page - Samsung semiconductor K9K1208U0A-YCB0 Datasheet HTML 4Page - Samsung semiconductor K9K1208U0A-YCB0 Datasheet HTML 5Page - Samsung semiconductor K9K1208U0A-YCB0 Datasheet HTML 6Page - Samsung semiconductor K9K1208U0A-YCB0 Datasheet HTML 7Page - Samsung semiconductor K9K1208U0A-YCB0 Datasheet HTML 8Page - Samsung semiconductor K9K1208U0A-YCB0 Datasheet HTML 9Page - Samsung semiconductor K9K1208U0A-YCB0 Datasheet HTML 10Page - Samsung semiconductor Next Button 

K9K1208U0A-YCB0 Product details

GENERAL DESCRIPTION
The K9K1208U0A are a 64M(67,108,864)x8bit NAND Flash Memory with a spare 2,048K(2,097,152)x8bit. Its NAND cell provides the most cost-effective solution for the solid state mass storage market. A program operation programs the 528- byte page in typically 200ms and an erase operation can be performed in typically 2ms on a 16K-byte block. Data in the page can be read out at 60ns cycle time per byte. The I/O pins serve as the ports for address and data input/output as well as command inputs. The on-chip write controller automates all program and erase functions including pulse repetition, where required, and internal verify and margining of data. Even the write-intensive systems can take advantage of the K9K1208U0A¢s extended reliability of 100K program/erase cycles by providing ECC(Error Correcting Code) with real time mapping-out algorithm. The K9K1208U0A-YCB0/YIB0 is an optimum solution for large nonvolatile storage applications such as solid state file storage and other portable applications requiring non-volatility.

FEATURES
• Voltage Supply : 2.7V~3.6V
• Organization
   - Memory Cell Array : (64M + 2,048K)bit x 8bit
   - Data Register : (512 + 16)bit x8bit
• Automatic Program and Erase
   - Page Program : (512 + 16)Byte
   - Block Erase : (16K + 512)Byte
• 528-Byte Page Read Operation
   - Random Access : 10ms(Max.)
   - Serial Page Access : 60ns(Min.)
• Fast Write Cycle Time
   - Program time : 200ms(Typ.)
   - Block Erase Time : 2ms(Typ.)
• Command/Address/Data Multiplexed I/O Port
• Hardware Data Protection
   - Program/Erase Lockout During Power Transitions
• Reliable CMOS Floating-Gate Technology
   - Endurance : 100K Program/Erase Cycles
   - Data Retention : 10 Years
• Command Register Operation
• Package :
   - K9K1208U0A-YCB0/YIB0 :
      48 - Pin TSOP I (12 x 20 / 0.5 mm pitch)




Similar Part No. - K9K1208U0A-YCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K1208U0A-YCB0 SAMSUNG-K9K1208U0A-YCB0 Datasheet
359Kb / 27P
   64M x 8 Bit NAND Flash Memory
More results


Similar Description - K9K1208U0A-YCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208Q0B SAMSUNG-K9F1208Q0B Datasheet
767Kb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208R0B SAMSUNG-K9F1208R0B Datasheet
1Mb / 45P
   64M x 8 Bit NAND Flash Memory
K9K1208U0M SAMSUNG-K9K1208U0M Datasheet
354Kb / 26P
   64M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
DS_K9K1208U0A SAMSUNG-DS_K9K1208U0A Datasheet
359Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9K1208Q0C SAMSUNG-K9K1208Q0C Datasheet
953Kb / 39P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K91G08Q0M SAMSUNG-K91G08Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9F1208D0A SAMSUNG-K9F1208D0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1216U0A SAMSUNG-K9F1216U0A Datasheet
968Kb / 45P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com