Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32F038G6 Datasheet (PDF) - STMicroelectronics

STM32F038G6 Datasheet PDF - STMicroelectronics
Part # STM32F038G6
Download  STM32F038G6 Download

File Size   1704.82 Kbytes
Page   102 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Clock management

STM32F038G6 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32F038G6 Datasheet PDF - STMicroelectronics

Part # STM32F038G6
Download  STM32F038G6 Click to download

File Size   1704.82 Kbytes
Page   102 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Clock management

STM32F038G6 Datasheet (HTML) - STMicroelectronics

Back Button STM32F038G6 Datasheet HTML 1Page - STMicroelectronics STM32F038G6 Datasheet HTML 2Page - STMicroelectronics STM32F038G6 Datasheet HTML 3Page - STMicroelectronics STM32F038G6 Datasheet HTML 4Page - STMicroelectronics STM32F038G6 Datasheet HTML 5Page - STMicroelectronics STM32F038G6 Datasheet HTML 6Page - STMicroelectronics STM32F038G6 Datasheet HTML 7Page - STMicroelectronics STM32F038G6 Datasheet HTML 8Page - STMicroelectronics STM32F038G6 Datasheet HTML 9Page - STMicroelectronics STM32F038G6 Datasheet HTML 10Page - STMicroelectronics Next Button 

STM32F038G6 Product details

Description
The STM32F038x6 microcontrollers incorporate the high-performance ARM® Cortex®-M0 32-bit RISC core operating at up to 48 MHz frequency, high-speed embedded memories (32 Kbytes of Flash memory and 4 Kbytes of SRAM), and an extensive range of enhanced peripherals and I/Os. All devices offer standard communication interfaces (one I2C, one SPI/ I2S and one USART), one 12-bit ADC, five 16-bit timers, one 32-bit timer and an advanced-control PWM timer.
The STM32F038x6 microcontrollers operate in the -40 to +85 °C and -40 to +105 °C temperature ranges at a 1.8 V ± 8% power supply. A comprehensive set of power-saving modes allows the design of low-power applications.
The STM32F038x6 microcontrollers include devices in five different packages ranging from 20 pins to 48 pins with a die form also available upon request. Depending on the device chosen, different sets of peripherals are included.
These features make the STM32F038x6 microcontrollers suitable for a wide range of applications such as application control and user interfaces, hand-held equipment, A/V receivers and digital TV, PC peripherals, gaming and GPS platforms, industrial applications, PLCs, inverters, printers, scanners, alarm systems, video intercoms and HVACs.

Features
• Core: ARM® 32-bit Cortex®-M0 CPU, frequency up to 48 MHz
• Memories
   – 32 Kbytes of Flash memory
   – 4 Kbytes of SRAM with HW parity
• CRC calculation unit
• Power management
   – Digital and I/Os supply: VDD = 1.8 V ±8%
   – Analog supply: VDDA = from VDD to 3.6 V
   – Low power modes: Sleep, Stop
   – VBAT supply for RTC and backup registers
• Clock management
   – 4 to 32 MHz crystal oscillator
   – 32 kHz oscillator for RTC with calibration
   – Internal 8 MHz RC with x6 PLL option
   – Internal 40 kHz RC oscillator
• Up to 38 fast I/Os
   – All mappable on external interrupt vectors
   – Up to 25 I/Os with 5 V tolerant capability
• 5-channel DMA controller
• 1 × 12-bit, 1.0 µs ADC (up to 10 channels)
   – Conversion range: 0 to 3.6V
   – Separate analog supply from 2.4 up to 3.6 V
• Up to 9 timers
   – 1 x 16-bit 7-channel advanced-control timer for 6 channels PWM output, with deadtime generation and emergency stop
   – 1 x 32-bit and 1 x 16-bit timer, with up to 4 IC/OC, usable for IR control decoding
   – 1 x 16-bit timer, with 2 IC/OC, 1 OCN, deadtime generation and emergency stop
   – 1 x 16-bit timer, with IC/OC and OCN, deadtime generation, emergency stop and modulator gate for IR control
   – 1 x 16-bit timer with 1 IC/OC
   – Independent and system watchdog timers
   – SysTick timer: 24-bit downcounter
• Calendar RTC with alarm and periodic wakeup from Stop
• Communication interfaces
   – 1 x I2C interface, supporting Fast Mode Plus (1 Mbit/s) with extra current sink, SMBus/PMBus, and wakeup from Stop mode
   – 1 x USART supporting master synchronous SPI and modem control, ISO7816 interface, LIN, IrDA capability, auto baud rate detection and wakeup feature
   – 1 x SPI (18 Mbit/s) with 4 to 16 programmable bit frames, with I2S interface multiplexed
• Serial wire debug (SWD)
• 96-bit unique ID
• Extended temperature range: -40 to +105°C
• All packages ECOPACK®2




Similar Part No. - STM32F038G6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F0308-DISCO STMICROELECTRONICS-STM32F0308-DISCO Datasheet
295Kb / 3P
   Discovery kit for STM32F030 Value Line
September 2014 Rev 2
STM32F030C6 STMICROELECTRONICS-STM32F030C6 Datasheet
1Mb / 88P
   Value-line ARM-based 32-bit MCU with 16 to 64-KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
STM32F030C6 STMICROELECTRONICS-STM32F030C6 Datasheet
1Mb / 93P
   Value-line Arm짰-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
January 2019 Rev 4
STM32F030C8 STMICROELECTRONICS-STM32F030C8 Datasheet
1Mb / 88P
   Value-line ARM-based 32-bit MCU with 16 to 64-KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
STM32F030C8 STMICROELECTRONICS-STM32F030C8 Datasheet
1Mb / 93P
   Value-line Arm짰-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
January 2019 Rev 4
More results


Similar Description - STM32F038G6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F100XC STMICROELECTRONICS-STM32F100XC Datasheet
1Mb / 106P
   Clock, reset and supply management
March 2016 Rev 10
ST72561XX STMICROELECTRONICS-ST72561XX Datasheet
2Mb / 324P
   Clock, reset and supply management
January 2011 Rev 8
STM32F410X8 STMICROELECTRONICS-STM32F410X8 Datasheet
1Mb / 142P
   Clock, reset and supply management
April 2017 Rev 5
ST7MC1K2 STMICROELECTRONICS-ST7MC1K2 Datasheet
5Mb / 371P
   Clock, reset and supply management
July 2007 Rev 1
STM32F103CBT6 STMICROELECTRONICS-STM32F103CBT6 Datasheet
1Mb / 102P
   Clock, reset and supply management
STM32F103RCT6 STMICROELECTRONICS-STM32F103RCT6 Datasheet
1Mb / 130P
   Clock, reset and supply management
STM32F215XX STMICROELECTRONICS-STM32F215XX Datasheet
2Mb / 180P
   Clock, reset and supply management
August 2016 Rev 13
STM32F401XD STMICROELECTRONICS-STM32F401XD Datasheet
2Mb / 135P
   Clock, reset and supply management
January 2015 Rev 3
ST72361XX STMICROELECTRONICS-ST72361XX Datasheet
2Mb / 279P
   Clock, reset and supply management
August 2010 Rev 3
logo
Semtech Corporation
SH3002 SEMTECH-SH3002 Datasheet
354Kb / 22P
   Reset Management and Clock Management Support IC for Microcontrollers
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com