Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM6825 Datasheet (PDF) - STMicroelectronics

STM6825 Datasheet PDF - STMicroelectronics
Part # STM6825
Download  STM6825 Download

File Size   668.76 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5-pin supervisor with watchdog timer and push-button reset

STM6825 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM6825 Datasheet PDF - STMicroelectronics

Part # STM6825
Download  STM6825 Click to download

File Size   668.76 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5-pin supervisor with watchdog timer and push-button reset

STM6825 Datasheet (HTML) - STMicroelectronics

Back Button STM6825 Datasheet HTML 1Page - STMicroelectronics STM6825 Datasheet HTML 2Page - STMicroelectronics STM6825 Datasheet HTML 3Page - STMicroelectronics STM6825 Datasheet HTML 4Page - STMicroelectronics STM6825 Datasheet HTML 5Page - STMicroelectronics STM6825 Datasheet HTML 6Page - STMicroelectronics STM6825 Datasheet HTML 7Page - STMicroelectronics STM6825 Datasheet HTML 8Page - STMicroelectronics STM6825 Datasheet HTML 9Page - STMicroelectronics STM6825 Datasheet HTML 10Page - STMicroelectronics Next Button 

STM6825 Product details

Description
The STM6xxx supervisors are self-contained devices which provide microprocessor supervisory functions. A precision voltage reference and comparator monitors the VCC input for an out-of-tolerance condition. When an invalid VCC condition occurs, the reset output (RST) is forced low (or high in the case of RST). These devices also offer a watchdog timer (except for STM6322/6825) and/or a push-button (MR) reset input.
These devices are available in a standard 5-pin SOT23 package.

Features
• Precision VCC monitoring of 5, 3.3, 3, or 2.5 V power supplies
• RST outputs (active low, push-pull or open drain)
• RST outputs (active high, push-pull)
• Reset pulse width of 1.4 ms, 200 ms and 240 ms (typ.)
• Watchdog timeout period of 1.6 s (typ.)
• Manual reset input (MR)
• Low supply current - 3 µA (typ.)
• Guaranteed RST (RST) assertion down to VCC = 1.0 V
• Operating temperature: –40 to +85 °C (industrial grade)
• RoHS compliance
    Lead-free components are compliant with the RoHS directive




Similar Part No. - STM6825

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6825 STMICROELECTRONICS-STM6825 Datasheet
315Kb / 21P
   5-Pin Supervisor with Watchdog Timer and Push-button Reset
STM6825 STMICROELECTRONICS-STM6825 Datasheet
229Kb / 26P
   5-pin Supervisor with watchdog timer and push-button reset
STM6825 STMICROELECTRONICS-STM6825 Datasheet
259Kb / 28P
   5-pin supervisor with watchdog timer and push-button reset
STM6825 STMICROELECTRONICS-STM6825 Datasheet
302Kb / 29P
   5-pin supervisor with watchdog timer and push-button reset
STM6825LAWY6E STMICROELECTRONICS-STM6825LAWY6E Datasheet
229Kb / 26P
   5-pin Supervisor with watchdog timer and push-button reset
More results


Similar Description - STM6825

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6823 STMICROELECTRONICS-STM6823 Datasheet
315Kb / 21P
   5-Pin Supervisor with Watchdog Timer and Push-button Reset
STM6321 STMICROELECTRONICS-STM6321_07 Datasheet
229Kb / 26P
   5-pin Supervisor with watchdog timer and push-button reset
STM6321 STMICROELECTRONICS-STM6321_09 Datasheet
302Kb / 29P
   5-pin supervisor with watchdog timer and push-button reset
STM6321 STMICROELECTRONICS-STM6321_08 Datasheet
259Kb / 28P
   5-pin supervisor with watchdog timer and push-button reset
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Microchip Technology
MIC826 MICROCHIP-MIC826 Datasheet
1Mb / 22P
   Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
Rev.A. April 2022
logo
Maxim Integrated Produc...
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com