Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM16GZ47 Datasheet (PDF) - Toshiba Semiconductor

SM16GZ47 Datasheet PDF - Toshiba Semiconductor
Part # SM16GZ47
Download  SM16GZ47 Download

File Size   213.17 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description AC POWER CONTROL APPLICATIONS

SM16GZ47 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM16GZ47 Datasheet PDF - Toshiba Semiconductor

Part # SM16GZ47
Download  SM16GZ47 Click to download

File Size   213.17 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description AC POWER CONTROL APPLICATIONS

SM16GZ47 Datasheet (HTML) - Toshiba Semiconductor

SM16GZ47 Datasheet HTML 1Page - Toshiba Semiconductor SM16GZ47 Datasheet HTML 2Page - Toshiba Semiconductor SM16GZ47 Datasheet HTML 3Page - Toshiba Semiconductor SM16GZ47 Datasheet HTML 4Page - Toshiba Semiconductor SM16GZ47 Datasheet HTML 5Page - Toshiba Semiconductor

SM16GZ47 Product details

AC POWER CONTROL APPLICATIONS





Repetitive Peak Off−State Voltage  : VDRM = 400, 600V

R.M.S On−State Current  : IT (RMS) = 16A

High Commutating (dv / dt)

Isolation Voltage  : VISOL = 1500V AC




Similar Part No. - SM16GZ47

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SM16GZ51 TOSHIBA-SM16GZ51 Datasheet
189Kb / 5P
   AC POWER CONTROL APPLICATIONS
More results


Similar Description - SM16GZ47

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SM6G48 TOSHIBA-SM6G48 Datasheet
143Kb / 2P
   AC POWER CONTROL APPLICATIONS
SM08G43 TOSHIBA-SM08G43 Datasheet
191Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM1L43 TOSHIBA-SM1L43 Datasheet
180Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM3G45 TOSHIBA-SM3G45 Datasheet
223Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM10LZ47 TOSHIBA-SM10LZ47 Datasheet
99Kb / 3P
   AC POWER CONTROL APPLICATIONS
SM12JZ47A TOSHIBA-SM12JZ47A Datasheet
208Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM8G48 TOSHIBA-SM8G48 Datasheet
225Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM16G45 TOSHIBA-SM16G45 Datasheet
200Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM8GZ47A TOSHIBA-SM8GZ47A Datasheet
223Kb / 5P
   AC POWER CONTROL APPLICATIONS
S6903G TOSHIBA-S6903G Datasheet
95Kb / 3P
   AC POWER CONTROL APPLICATIONS
SM2LZ47 TOSHIBA-SM2LZ47 Datasheet
187Kb / 5P
   AC POWER CONTROL APPLICATIONS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com