Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE42440MLBB-Z Datasheet (PDF) - Peregrine Semiconductor

PE42440MLBB-Z Datasheet PDF - Peregrine Semiconductor
Part # PE42440MLBB-Z
Download  PE42440MLBB-Z Download

File Size   612.43 Kbytes
Page   8 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description SP4T UltraCMOS짰 RF Switch 50 ??3000 MHz

PE42440MLBB-Z Datasheet (PDF)

Go To PDF Page Download Datasheet
PE42440MLBB-Z Datasheet PDF - Peregrine Semiconductor

Part # PE42440MLBB-Z
Download  PE42440MLBB-Z Click to download

File Size   612.43 Kbytes
Page   8 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description SP4T UltraCMOS짰 RF Switch 50 ??3000 MHz

PE42440MLBB-Z Datasheet (HTML) - Peregrine Semiconductor

PE42440MLBB-Z Datasheet HTML 1Page - Peregrine Semiconductor PE42440MLBB-Z Datasheet HTML 2Page - Peregrine Semiconductor PE42440MLBB-Z Datasheet HTML 3Page - Peregrine Semiconductor PE42440MLBB-Z Datasheet HTML 4Page - Peregrine Semiconductor PE42440MLBB-Z Datasheet HTML 5Page - Peregrine Semiconductor PE42440MLBB-Z Datasheet HTML 6Page - Peregrine Semiconductor PE42440MLBB-Z Datasheet HTML 7Page - Peregrine Semiconductor PE42440MLBB-Z Datasheet HTML 8Page - Peregrine Semiconductor



Similar Part No. - PE42440MLBB-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42440MLIBA PEREGRINE-PE42440MLIBA Datasheet
293Kb / 8P
   SP4T UltraCMOS??RF Switch 50 ??3000 MHz
PE42440MLIBA-Z PEREGRINE-PE42440MLIBA-Z Datasheet
293Kb / 8P
   SP4T UltraCMOS??RF Switch 50 ??3000 MHz
More results


Similar Description - PE42440MLBB-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42440 PEREGRINE-PE42440 Datasheet
293Kb / 8P
   SP4T UltraCMOS??RF Switch 50 ??3000 MHz
logo
Peregrine Semiconductor
PE42441 PSEMI-PE42441 Datasheet
510Kb / 12P
   UltraCMOS짰 SP4T RF Switch
PE42442 PSEMI-PE42442 Datasheet
514Kb / 11P
   UltraCMOS짰 SP4T RF Switch
PE42641 PSEMI-PE42641 Datasheet
891Kb / 8P
   SP4T UltraCMOS짰 RF Switch
PE42641MLBC-Z PSEMI-PE42641MLBC-Z Datasheet
232Kb / 8P
   SP4T UltraCMOS짰 RF Switch 100 MHz ??3.0 GHz
PE42430MLAB-Z PSEMI-PE42430MLAB-Z Datasheet
483Kb / 11P
   UltraCMOS짰 SP3T Reflective RF Switch 100 ??3000 MHz
PE42540LGBD-Z PSEMI-PE42540LGBD-Z Datasheet
1Mb / 12P
   UltraCMOS짰 SP4T RF Switch 10 Hz?? GHz
PE423641 PSEMI-PE423641 Datasheet
340Kb / 11P
   UltraCMOS SP4T RF Switch 50??000 MHz
PE42420LGBB-Z PSEMI-PE42420LGBB-Z Datasheet
403Kb / 12P
   UltraCMOS짰 SPDT RF Switch 100.6000 MHz
PE83336 PSEMI-PE83336_14 Datasheet
787Kb / 12P
   3000 MHz UltraCMOS짰 Integer-N PLL
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com