Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT75K52134 Datasheet (PDF) - Integrated Device Technology

IDT75K52134 Datasheet PDF - Integrated Device Technology
Part # IDT75K52134
Download  IDT75K52134 Download

File Size   26.72 Kbytes
Page   1 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 4.5M and 9M Network Search Engine (NSE) with QDR??Interface

IDT75K52134 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT75K52134 Datasheet PDF - Integrated Device Technology

Part # IDT75K52134
Download  IDT75K52134 Click to download

File Size   26.72 Kbytes
Page   1 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 4.5M and 9M Network Search Engine (NSE) with QDR??Interface

IDT75K52134 Datasheet (HTML) - Integrated Device Technology

IDT75K52134 Datasheet HTML 1Page - Integrated Device Technology

IDT75K52134 Product details

Introduction
As part of the IDT IP Co-Processor product family, IDT delivers high performance, feature-rich, easy-to-use, Network Search Engine (NSE) products. Using CAM (Content Addressable Memory) technology, IDT NSE products accelerate search functions for Access Control Lists (ACL), Flow Caching, and forwarding to improve performance in next generation networking equipment.

Device Description
The NSE with a single LA-1 interface is intended to work with any NPU having a LA-1 look aside interface. Multiple devices including the LA-1 NSE can be connected to the same LA-1 interface. Each LA-1 NSE device may be point-to-point expanded up to eight NSE devices.

NSE Features
◆ 128K x 72 (9M) or 64K x 72 (4.5M) Data and Mask cells
◆ Full Ternary Content Addressable Memory
◆ Advanced Database Management
   - Selectable Databases
   - Programmable Width per Database
   - Lookup widths from 32 to 576 bits
   - Only the selected Database is powered
◆ Lookup Instructions
   - Standard Lookup
   - Multi-Hit Lookup
   - Multi-Database Lookup
   - Re-Issue Multi-Database Lookup
◆ Maintenance Features
   - Aging
   - Multi Hit Invalidate
   - Learn per Database
◆ Multi-Context support
◆ Pool of (72-bit) Global Mask Registers (shared across contexts)
◆ In-Band Control and Management
◆ Assoicated Data SRAM is supported through a glue-less ZBT® interface
◆ Lowest Power per Application
◆ Synchronous Pipeline Operation
◆ Boundary Scan JTAG Interface
◆ 1.2V Core Supply
◆ 1.5V HSTL I/O Supply
◆ 2.5V I/O Supply for ZBT® Associated Data SRAM
◆ 35mm x 35mm BGA Package

External Interfaces
The following external interfaces are supported by the LA-1 NSE device
◆ Single LA-1 NPU interface
   - LA-1 Clock Frequency up to 250 MHz
   - Supports LA-1 burst of 2
   - Echo clocks supported (CQ,CQ)
◆ Point-to-Point Cascading Interface
   - Up to eight NSEs can be cascaded using this scheme
◆ Associated Data SRAM with standard ZBT®Interface
◆ Boundary Scan JTAG Interface (IEEE 1149.1)



Similar Part No. - IDT75K52134

ManufacturerPart #DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT75K52134 IDT-IDT75K52134_05 Datasheet
420Kb / 1P
   4.5M and 9M Network Search Engine (NSE) with LA-1 Interface
More results

Similar Description - IDT75K52134

ManufacturerPart #DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT75K52134 IDT-IDT75K52134_05 Datasheet
420Kb / 1P
   4.5M and 9M Network Search Engine (NSE) with LA-1 Interface
IDT75K52413 IDT-IDT75K52413 Datasheet
32Kb / 1P
   4.5M Network Search Engine (NSE) with Quad AMCC XSC Interface
IDT75K62413 IDT-IDT75K62413 Datasheet
32Kb / 1P
   9M Network Search Engine (NSE) with Quad AMCC XSC Interface
IDT75K62234 IDT-IDT75K62234 Datasheet
422Kb / 1P
   9M Network Search Engine (NSE) with Dual LA-1 Interface (QDR??II Interface Compliant)
IDT75K52213 IDT-IDT75K52213 Datasheet
416Kb / 1P
   4.5M Network Search Engine (NSE) with 2 Port AMCC XSC Interface
IDT75K62213 IDT-IDT75K62213 Datasheet
416Kb / 1P
   9M Network Search Engine (NSE) with 2 Port AMCC XSC Interface
IDT75K72234 IDT-IDT75K72234 Datasheet
422Kb / 1P
   18M Network Search Engine (NSE) with Dual LA-1 Interface (QDR?줚I Interface Compliant)
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
Cypress Semiconductor
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
Integrated Device Technology
Integrated Device Techn...
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com