Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GB4571 Datasheet (PDF) - Gennum Corporation

GB4571 Datasheet PDF - Gennum Corporation
Part # GB4571
Download  GB4571 Download

File Size   149.55 Kbytes
Page   5 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description Video Buffer with Precision Strobed DC Restore

GB4571 Datasheet (PDF)

Go To PDF Page Download Datasheet
GB4571 Datasheet PDF - Gennum Corporation

Part # GB4571
Download  GB4571 Click to download

File Size   149.55 Kbytes
Page   5 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description Video Buffer with Precision Strobed DC Restore

GB4571 Datasheet (HTML) - Gennum Corporation


GB4571 Product details

DESCRIPTION
The GB4571 is a high performance video buffer with DC restore used primarily for accurate back porch clamping. Key features include operation from ±4.5 V to ±13.2 V supply voltages, fast recovery from sudden changes in DC offset, ±0.1 dB flatness to 80 MHz and availability of industry standard DIP and SOIC packages.

FEATURES
• accurate clamping to within ± 1 mV
• less than 1 mV clamping distortion
• variable clamping range (VEE + 3.0 V to VCC - 4.5 V)
• ultra low differential gain and differential phase
• fast recovery from sudden changes in DC offsets
• less than ± 0.15° phase delay variation at 3.58 MHz
• ± 0.1 dB flatness to 80 MHz
• ± 4.5 V to ±13.2 V supply voltage range
• Pb-free and Green

APPLICATIONS
• Clamping of NTSC, PAL, SECAM & RGB Video Signals
• Multimedia Graphics Overlay
• Production Switchers
• Linear Keyers




Similar Part No. - GB4571

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GB4571-CKAE3 GENNUM-GB4571-CKAE3 Datasheet
64Kb / 5P
   GB4571 Video Buffer with Precision Strobed DC Restore
More results


Similar Description - GB4571

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GB4571-CKAE3 GENNUM-GB4571-CKAE3 Datasheet
64Kb / 5P
   GB4571 Video Buffer with Precision Strobed DC Restore
GB4551 GENNUM-GB4551 Datasheet
140Kb / 5P
   Video Buffer with Strobed DC Restore
GT4124 GENNUM-GT4124 Datasheet
149Kb / 5P
   GT4124 Video Multiplier with Strobed DC Restore
logo
Freescale Semiconductor...
MC34830 FREESCALE-MC34830 Datasheet
1Mb / 22P
   HD to SD Adjustable Bandwidth Video Buffer with DC Restore
logo
Intersil Corporation
EL4390 INTERSIL-EL4390 Datasheet
216Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
logo
Renesas Technology Corp
EL4390 RENESAS-EL4390 Datasheet
790Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
November 1994
logo
Elantec Semiconductor
EL4390C ELANTEC-EL4390C Datasheet
309Kb / 16P
   Triple 80 MHz Video Amplifier with DC Restore
logo
Motorola, Inc
MC14502B MOTOROLA-MC14502B Datasheet
233Kb / 6P
   Strobed Hex Inverter/Buffer
logo
Elantec Semiconductor
EL4101C ELANTEC-EL4101C Datasheet
61Kb / 6P
   500MHz Video Front End - 4:1MUX DC-Restore
logo
Maxim Integrated Produc...
MAX405 MAXIM-MAX405 Datasheet
250Kb / 7P
   Precision Video Buffer Amplifier
19-3819; Rev 1; 5/96
More results




About Gennum Corporation


Gennum Corporation was a semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs) for the video, audio, and data communications markets. The company was headquartered in Burlington, Ontario, Canada.

Gennum's products included ICs for high-speed serial interfaces, such as HDMI (High-Definition Multimedia Interface) and DisplayPort, as well as ICs for video and audio processing, timing, and synchronization. Their ICs were used in a variety of applications, including digital displays, consumer electronics, and professional broadcast equipment.

The company was founded in 1973 and became a publicly-traded company in 1997. In 2012, Gennum was acquired by Semtech Corporation, a leading supplier of analog and mixed-signal semiconductor products.

Overall, Gennum was a trusted and reputable supplier of high-performance analog and mixed-signal ICs, with a strong reputation for innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com