Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ4681-G Datasheet (PDF) - Vishay Siliconix

MMBZ4681-G Datasheet PDF - Vishay Siliconix
Part # MMBZ4681-G
Download  MMBZ4681-G Download

File Size   89.41 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon planar Zener diodes

MMBZ4681-G Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBZ4681-G Datasheet PDF - Vishay Siliconix

Part # MMBZ4681-G
Download  MMBZ4681-G Click to download

File Size   89.41 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon planar Zener diodes

MMBZ4681-G Datasheet (HTML) - Vishay Siliconix

MMBZ4681-G Datasheet HTML 1Page - Vishay Siliconix MMBZ4681-G Datasheet HTML 2Page - Vishay Siliconix MMBZ4681-G Datasheet HTML 3Page - Vishay Siliconix MMBZ4681-G Datasheet HTML 4Page - Vishay Siliconix

MMBZ4681-G Product details

FEATURES
• Silicon planar Zener diodes
• Standard Zener voltage tolerance is ± 5 %.
• AEC-Q101 qualified
• ESD capability according to AEC-Q101: Human body model > 8 kV Machine model > 800 V
• Base P/N-G3 - green, commercial grade
• Material categorization: For definitions of compliance please see www.vishay.com/doc?99912 PRIMARY CHARACTERISTICS




Similar Part No. - MMBZ4681-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMBZ4681-V VISHAY-MMBZ4681-V Datasheet
170Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 04-Jun-08
MMBZ4681-V VISHAY-MMBZ4681-V Datasheet
92Kb / 5P
   Small Signal Zener Diodes
Rev. 1.7, 29-Nov-11
MMBZ4681-V VISHAY-MMBZ4681-V_12 Datasheet
92Kb / 5P
   Small Signal Zener Diodes
Rev. 1.7, 29-Nov-11
More results


Similar Description - MMBZ4681-G

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com