Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-15CTQSPBF Datasheet (PDF) - Vishay Siliconix

VS-15CTQSPBF Datasheet PDF - Vishay Siliconix
Part # VS-15CTQSPBF
Download  VS-15CTQSPBF Download

File Size   179.25 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Performance Schottky Rectifier, 2 x 7.5 A

VS-15CTQSPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-15CTQSPBF Datasheet PDF - Vishay Siliconix

Part # VS-15CTQSPBF
Download  VS-15CTQSPBF Click to download

File Size   179.25 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Performance Schottky Rectifier, 2 x 7.5 A

VS-15CTQSPBF Datasheet (HTML) - Vishay Siliconix

VS-15CTQSPBF Datasheet HTML 1Page - Vishay Siliconix VS-15CTQSPBF Datasheet HTML 2Page - Vishay Siliconix VS-15CTQSPBF Datasheet HTML 3Page - Vishay Siliconix VS-15CTQSPBF Datasheet HTML 4Page - Vishay Siliconix VS-15CTQSPBF Datasheet HTML 5Page - Vishay Siliconix VS-15CTQSPBF Datasheet HTML 6Page - Vishay Siliconix VS-15CTQSPBF Datasheet HTML 7Page - Vishay Siliconix VS-15CTQSPBF Datasheet HTML 8Page - Vishay Siliconix

VS-15CTQSPBF Product details

• 150 °C TJ operation
• Center tap TO-220 package
• Low forward voltage drop
• High frequency operation
• High purity, high temperature epoxy
encapsulation for enhanced mechanical
strength and moisture resistance
• Guard ring for enhanced ruggedness and long term reliability
• Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C
• AEC-Q101 qualified




Similar Part No. - VS-15CTQSPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-15CTQSPBF VISHAY-VS-15CTQSPBF Datasheet
153Kb / 8P
   High Performance Schottky Rectifier, 2 x 7.5 A
08-Feb-17
VS-15CTQSPBF VISHAY-VS-15CTQSPBF_V01 Datasheet
153Kb / 8P
   High Performance Schottky Rectifier, 2 x 7.5 A
08-Feb-17
More results


Similar Description - VS-15CTQSPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-15CTQ035-M VISHAY-VS-15CTQ035-M_V01 Datasheet
177Kb / 7P
   High Performance Schottky Rectifier, 2 x 7.5 A
01-Jan-2022
VS-15CTQ035-M3 VISHAY-VS-15CTQ035-M3 Datasheet
174Kb / 7P
   High Performance Schottky Rectifier, 2 x 7.5 A
Revision: 17-Aug-17
VS-15CTQS-M3 VISHAY-VS-15CTQS-M3 Datasheet
197Kb / 8P
   High Performance Schottky Rectifier, 2 x 7.5 A
Revision: 25-Feb-14
VS-MBRB15CTPBF VISHAY-VS-MBRB15CTPBF Datasheet
163Kb / 8P
   High Performance Schottky Rectifier, 2 x 7.5 A
Revision: 18-Oct-16
VS-MBRB15CT-M3 VISHAY-VS-MBRB15CT-M3 Datasheet
191Kb / 8P
   High Performance Schottky Rectifier, 2 x 7.5 A
Revision: 15-Aug-15
VS-15CTQS-M3 VISHAY-VS-15CTQS-M3_V01 Datasheet
229Kb / 8P
   High Performance Schottky Rectifier, 2 x 7.5 A
01-Jan-2022
VS-15CTQSPBF VISHAY-VS-15CTQSPBF_V01 Datasheet
153Kb / 8P
   High Performance Schottky Rectifier, 2 x 7.5 A
08-Feb-17
VS-MBRB15CT-M3 VISHAY-VS-MBRB15CT-M3_V01 Datasheet
226Kb / 8P
   High Performance Schottky Rectifier, 2 x 7.5 A
01-Jan-2022
VS-MBR1535CT-M3 VISHAY-VS-MBR1535CT-M3_V01 Datasheet
169Kb / 7P
   High Performance Schottky Rectifier, 2 x 7.5 A
01-Jan-2022
15CTQS VISHAY-15CTQS Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 22-Aug-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com