Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V60170PW-M3 Datasheet (PDF) - Vishay Siliconix

V60170PW-M3 Datasheet PDF - Vishay Siliconix
Part # V60170PW-M3
Download  V60170PW-M3 Download

File Size   94.16 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 10 A

V60170PW-M3 Datasheet (PDF)

Go To PDF Page Download Datasheet
V60170PW-M3 Datasheet PDF - Vishay Siliconix

Part # V60170PW-M3
Download  V60170PW-M3 Click to download

File Size   94.16 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 10 A

V60170PW-M3 Datasheet (HTML) - Vishay Siliconix

V60170PW-M3 Datasheet HTML 1Page - Vishay Siliconix V60170PW-M3 Datasheet HTML 2Page - Vishay Siliconix V60170PW-M3 Datasheet HTML 3Page - Vishay Siliconix V60170PW-M3 Datasheet HTML 4Page - Vishay Siliconix

V60170PW-M3 Product details

• Trench MOS Schottky technology
• Low forward voltage drop, low power losses
• High efficiency operation
• Solder dip 275 °C max. 10 s, per JESD 22-B106




Similar Part No. - V60170PW-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V60170PW-M3 VISHAY-V60170PW-M3 Datasheet
81Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
08-Feb-17
V60170PW-M3 VISHAY-V60170PW-M3_15 Datasheet
84Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 04-Dec-13
V60170PW-M3 VISHAY-V60170PW-M3_V01 Datasheet
81Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
08-Feb-17
More results


Similar Description - V60170PW-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V60H150PW-M3 VISHAY-V60H150PW-M3 Datasheet
94Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 10 A
Revision: 04-Dec-13
V30M120C VISHAY-V30M120C Datasheet
144Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Revision: 17-Nov-16
V60200PG VISHAY-V60200PG Datasheet
104Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Revision: 14-Oct-08
VF30M120C-M3 VISHAY-VF30M120C-M3 Datasheet
92Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Revision: 02-Dec-13
VB30M120C-E3 VISHAY-VB30M120C-E3 Datasheet
93Kb / 4P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Revision: 03-Jan-17
VBT2080C-M3 VISHAY-VBT2080C-M3 Datasheet
90Kb / 4P
   Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Revision: 14-May-13
VT2080C-E3 VISHAY-VT2080C-E3 Datasheet
158Kb / 6P
   Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Revision: 14-Dec-16
VBT1080S-M3 VISHAY-VBT1080S-M3 Datasheet
90Kb / 4P
   Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Revision: 14-May-13
V80100P VISHAY-V80100P Datasheet
107Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.425 V at IF = 10 A
Revision: 26-May-08
V80170PW-M3 VISHAY-V80170PW-M3 Datasheet
94Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.51 V at IF = 10 A
Revision: 04-Dec-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com