Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VBT1060C-M3 Datasheet (PDF) - Vishay Siliconix

VBT1060C-M3 Datasheet PDF - Vishay Siliconix
Part # VBT1060C-M3
Download  VBT1060C-M3 Download

File Size   89.98 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 2.5 A

VBT1060C-M3 Datasheet (PDF)

Go To PDF Page Download Datasheet
VBT1060C-M3 Datasheet PDF - Vishay Siliconix

Part # VBT1060C-M3
Download  VBT1060C-M3 Click to download

File Size   89.98 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 2.5 A

VBT1060C-M3 Datasheet (HTML) - Vishay Siliconix

VBT1060C-M3 Datasheet HTML 1Page - Vishay Siliconix VBT1060C-M3 Datasheet HTML 2Page - Vishay Siliconix VBT1060C-M3 Datasheet HTML 3Page - Vishay Siliconix VBT1060C-M3 Datasheet HTML 4Page - Vishay Siliconix

VBT1060C-M3 Product details

• Trench MOS Schottky technology
• Low forward voltage drop, low power losses
• High efficiency operation
• Meets MSL level 1, per J-STD-020, LF maximum peak of 245 °C




Similar Part No. - VBT1060C-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBT1060C-M3 VISHAY-VBT1060C-M3 Datasheet
102Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
01-Jan-2022
VBT1060C-M3 VISHAY-VBT1060C-M3_15 Datasheet
79Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 14-May-13
VBT1060C-M3 VISHAY-VBT1060C-M3_V01 Datasheet
102Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
01-Jan-2022
More results


Similar Description - VBT1060C-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VT1060C-E3 VISHAY-VT1060C-E3 Datasheet
156Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 2.5 A
Revision: 14-Dec-16
VT1060C-M3 VISHAY-VT1060C-M3 Datasheet
133Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 2.5 A
Revision: 15-Dec-16
V30100S VISHAY-V30100S Datasheet
168Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 5 A
Revision: 31-Jul-08
VB30100S-M3 VISHAY-VB30100S-M3 Datasheet
88Kb / 4P
   High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 5 A
Revision: 15-May-13
VFT3080S-M3 VISHAY-VFT3080S-M3 Datasheet
89Kb / 4P
   Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 5 A
Revision: 11-Sep-13
VT3080S-E3 VISHAY-VT3080S-E3 Datasheet
157Kb / 6P
   Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 5 A
Revision: 14-Dec-16
VBT3080S-M3 VISHAY-VBT3080S-M3 Datasheet
88Kb / 4P
   Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 5 A
Revision: 14-May-13
VB10170C-E3 VISHAY-VB10170C-E3 Datasheet
93Kb / 4P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.57 V at IF = 2.5 A
Revision: 03-Jan-17
VBT1045C-E3 VISHAY-VBT1045C-E3 Datasheet
90Kb / 4P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.34 V at IF = 2.5 A
Revision: 09-Sep-13
VE1045C-E3 VISHAY-VE1045C-E3 Datasheet
133Kb / 4P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.37 V at IF = 2.5 A
Revision: 20-Dec-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com