Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT-41532-TR2G Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

AT-41532-TR2G Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # AT-41532-TR2G
Download  AT-41532-TR2G Download

File Size   1368.96 Kbytes
Page   14 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description General Purpose, Low Current NPN Silicon Bipolar Transistor

AT-41532-TR2G Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-41532-TR2G Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # AT-41532-TR2G
Download  AT-41532-TR2G Click to download

File Size   1368.96 Kbytes
Page   14 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description General Purpose, Low Current NPN Silicon Bipolar Transistor

AT-41532-TR2G Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button AT-41532-TR2G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AT-41532-TR2G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AT-41532-TR2G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AT-41532-TR2G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AT-41532-TR2G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AT-41532-TR2G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AT-41532-TR2G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AT-41532-TR2G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AT-41532-TR2G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AT-41532-TR2G Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

AT-41532-TR2G Product details

Description
Avago’s AT-41532 is a general purpose NPN bipolar transistor that has been optimized for maximum ft at low voltage operation, making it ideal for use in battery powered applications in cellular/PCS and other wireless markets. The AT-41532 uses the miniature 3-lead SOT-323 (SC-70) plastic package.

Features
•  General Purpose NPN Bipolar Transistor Optimized for Low Current, Low Voltage Applications at 900 MHz, 1.8 GHz, and 2.4 GHz
•  Performance (5 V, 5 mA) 0.9 GHz: 1 dB NF, 15.5 dB GA 1.8 GHz: 1.4 dB NF, 10.5 dB GA 2.4 GHz: 1.9 dB NF, 9 dB GA
•  Characterized for 3, 5, and 8V Use
•  Miniature 3-lead SOT-323 (SC-70) Plastic Package
•  High Breakdown Voltage (can be operated up to 10 V)
•  Lead-free

Applications
•  LNA, Oscillator, Driver Amplifer, Buffer Amplifer, and Down Converter for Cellular and PCS Handsets and Cordless Telephones
•  LNA, Oscillator, Mixer, and Gain Amplifer for Pagers
•  Power Amplifer and Oscillator for RF-ID Tag
•  LNA and Gain Amplifer for GPS
•  LNA for CATV Set-Top Box




Similar Part No. - AT-41532-TR2G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-41532-TR1 HP-AT-41532-TR1 Datasheet
146Kb / 14P
   NPN SILICON TRANSISTOR
More results


Similar Description - AT-41532-TR2G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-41511 HP-AT-41511 Datasheet
103Kb / 10P
   General Purpose, Low Noise NPN Silicon Bipolar Transistor
AT-32063 HP-AT-32063 Datasheet
86Kb / 8P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-32011 AVAGO-AT-32011 Datasheet
297Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32032 AVAGO-AT-32032 Datasheet
1Mb / 14P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Broadcom Corporation.
AT-32063 BOARDCOM-AT-32063 Datasheet
218Kb / 8P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32011 BOARDCOM-AT-32011 Datasheet
297Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32032 BOARDCOM-AT-32032 Datasheet
1Mb / 14P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-30511 HP-AT-30511 Datasheet
101Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-31011 HP-AT-31011 Datasheet
137Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-31011 AVAGO-AT-31011 Datasheet
274Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com